Electronic Components Datasheet Search
  English  ▼

X  

CMD176P4 Datasheet(PDF) 10 Page - Custom MMIC Design Services, Inc.

Part # CMD176P4
Description  13-17 GHz 4-Bit Digital Phase Shifter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMIC [Custom MMIC Design Services, Inc.]
Direct Link  https://www.custommmic.com/
Logo MMIC - Custom MMIC Design Services, Inc.

CMD176P4 Datasheet(HTML) 10 Page - Custom MMIC Design Services, Inc.

Back Button CMD176P4 Datasheet HTML 3Page - Custom MMIC Design Services, Inc. CMD176P4 Datasheet HTML 4Page - Custom MMIC Design Services, Inc. CMD176P4 Datasheet HTML 5Page - Custom MMIC Design Services, Inc. CMD176P4 Datasheet HTML 6Page - Custom MMIC Design Services, Inc. CMD176P4 Datasheet HTML 7Page - Custom MMIC Design Services, Inc. CMD176P4 Datasheet HTML 8Page - Custom MMIC Design Services, Inc. CMD176P4 Datasheet HTML 9Page - Custom MMIC Design Services, Inc. CMD176P4 Datasheet HTML 10Page - Custom MMIC Design Services, Inc. CMD176P4 Datasheet HTML 11Page - Custom MMIC Design Services, Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Custom MMIC
300 Apollo Drive Chelmsford, MA 01824 Phone (978) 467-4290 Fax (978) 467-4294
Visit us online at www.custommmic.com
ver 1.5 0719
CMD176P4
13-17 GHz 4-Bit Digital Phase Shifter
Pin Description
Pin Diagram
Pad
Function
Description
Schematic
1-4, 7-12, 15-19,
24
N/C
No connection required. These pins may
be connected to RF / DC ground
6
RF in
DC blocked and 50 ohm matched
13
RF out
DC blocked and 50 ohm matched
20
22.5
22.5° control input
21
45
45° control input
22
90
90° control input
23
180
180° control input
5, 14 and die pad-
dle
Ground
Connect to RF / DC ground
RF in
RF out
RF in
RF out
GND
Vdd
Vgg
Vdd
Vgg
Vdd
1
2
3
4
For CMD146
RF in
LFT1
LFT2
RF out & Vdd
LFT3
LFT4
3 bit
4 dB
4 dB
45 deg
45 deg
Vgg
Vdd
Vgg
Vdd
Vdd
Vdd
Vdd (+)
Vgg (-)
RF in
RF out
Port B
Port A
Vctl
5
4 bit
Vctl
Vctl
RF
V
dd
out
RF
in
Functional Description
RF in
RF out
GND
Vdd
Vgg
Vdd
Vgg
Vdd
1
2
3
4
For CMD146
RF in
LFT1
LFT2
RF out & Vdd
LFT3
LFT4
3 bit
4 dB
4 dB
45 deg
45 deg
Vgg
Vdd
Vgg
Vdd
Vdd
Vdd
Vdd (+)
Vgg (-)
RF in
RF out
Port B
Port A
Vctl
5
4 bit
Vctl
Vctl
RF
V
dd
out
RF
in
Vgg
GB
LO
RF
IF
Vgg
400 ohm
20 ohm
To Gates
Ven
Vdet
RF in
ACG1
RF out & Vdd
ACG2
Vgg2
RF in
1
2
3
5
6
7
RF in
Vgg
0.01 uF
0.01 uF
0.01 uF
100 pF
4
Vdd
RF out
RF out & Vdd
ACG1
Vee
Vctl
Vctrl1
Vctrl2
Vctl



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com