Electronic Components Datasheet Search
  English  ▼

X  

CMD179 Datasheet(PDF) 2 Page - Custom MMIC Design Services, Inc.

Part # CMD179
Description  16-26 GHz Fundamental Mixer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMIC [Custom MMIC Design Services, Inc.]
Direct Link  https://www.custommmic.com/
Logo MMIC - Custom MMIC Design Services, Inc.

CMD179 Datasheet(HTML) 2 Page - Custom MMIC Design Services, Inc.

  CMD179 Datasheet HTML 1Page - Custom MMIC Design Services, Inc. CMD179 Datasheet HTML 2Page - Custom MMIC Design Services, Inc. CMD179 Datasheet HTML 3Page - Custom MMIC Design Services, Inc. CMD179 Datasheet HTML 4Page - Custom MMIC Design Services, Inc. CMD179 Datasheet HTML 5Page - Custom MMIC Design Services, Inc. CMD179 Datasheet HTML 6Page - Custom MMIC Design Services, Inc. CMD179 Datasheet HTML 7Page - Custom MMIC Design Services, Inc. CMD179 Datasheet HTML 8Page - Custom MMIC Design Services, Inc. CMD179 Datasheet HTML 9Page - Custom MMIC Design Services, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Custom MMIC
300 Apollo Drive Chelmsford, MA 01824 Phone (978) 467-4290 Fax (978) 467-4294
Visit us online at www.custommmic.com
CMD179
CMD179
CMD179
16-26 GHz Fundamental Mixer
Specifications
Absolute Maximum Ratings
Electrical Specifications - IF = 100 MHz, LO = +13 dBm, TA = 25
oC
Parameter
Rating
RF / IF Input Power
+25 dBm
LO Drive
+25 dBm
Operating Temperature
-55 to 85 °C
Storage Temperature
-55 to 150 °C
Operation of this device outside the maximum
ratings may cause permanent damage.
Parameter
Min
Typ
Max
Min
Typ
Max
Units
Frequency Range, RF & LO
18 - 24
16 - 26
GHz
Frequency Range, IF
DC
9
DC
9
GHz
Conversion Loss
6.5
8
7
10
dB
Noise Figure (SSB)
6.5
8
7
10
dB
LO to RF Isolation
37
43
36
43
dB
LO to IF Isolation
38
48
29
43
dB
RF to IF Isolation
18
25
15
25
dB
Input P1dB
10
10
dBm
Input IP3
17
17
dBm
Unless otherwise noted, all measurements performed as a downconverter, IF = 100 MHz
ver 1.2 0616



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com