Electronic Components Datasheet Search
  English  ▼

X  

CMD180 Datasheet(PDF) 2 Page - Custom MMIC Design Services, Inc.

Part # CMD180
Description  20-32 GHz Fundamental Mixer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMIC [Custom MMIC Design Services, Inc.]
Direct Link  https://www.custommmic.com/
Logo MMIC - Custom MMIC Design Services, Inc.

CMD180 Datasheet(HTML) 2 Page - Custom MMIC Design Services, Inc.

  CMD180 Datasheet HTML 1Page - Custom MMIC Design Services, Inc. CMD180 Datasheet HTML 2Page - Custom MMIC Design Services, Inc. CMD180 Datasheet HTML 3Page - Custom MMIC Design Services, Inc. CMD180 Datasheet HTML 4Page - Custom MMIC Design Services, Inc. CMD180 Datasheet HTML 5Page - Custom MMIC Design Services, Inc. CMD180 Datasheet HTML 6Page - Custom MMIC Design Services, Inc. CMD180 Datasheet HTML 7Page - Custom MMIC Design Services, Inc. CMD180 Datasheet HTML 8Page - Custom MMIC Design Services, Inc. CMD180 Datasheet HTML 9Page - Custom MMIC Design Services, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Custom MMIC
300 Apollo Drive Chelmsford, MA 01824 Phone (978) 467-4290 Fax (978) 467-4294
Visit us online at www.custommmic.com
CMD180
20-32 GHz Fundamental Mixer
Specifications
Absolute Maximum Ratings
Electrical Specifications – IF = 100 MHz, LO = +13 dBm, TA = 25
oC
Parameter
Rating
RF / IF Input Power
+21 dBm
LO Drive
+21 dBm
Operating Temperature
-55 to 85 °C
Storage Temperature
-55 to 150 °C
Thermal resistance, Θ JC
672 ºC / W
Power Dissipation, Pdiss
96.7 mW
Parameter
Min
Typ
Max
Min
Typ
Max
Units
Frequency Range, RF & LO
22 – 28
20 – 32
GHz
Frequency Range, IF
DC
10
DC
10
GHz
Conversion Loss
7
9
7
11
dB
Noise Figure (SSB)
7
9
7
11
dB
LO to RF Isolation
31
36
27
36
dB
LO to IF Isolation
30
38
27
38
dB
RF to IF Isolation
19
26
16
26
dB
Input P1dB
10
9
dBm
Input IP3
18
18
dBm
Unless otherwise noted, all measurements performed as a downconverter, IF = 100 MHz
ver 1.2 0419
Exceeding any one or combination of the
maximum ratings may cause permanent damage
to the device.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com