Electronic Components Datasheet Search
  English  ▼

X  

TESTO410 Datasheet(PDF) 1 Page - Testo SE & Co. KGaA

Part # TESTO410
Description  Vane anemometer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TESTO [Testo SE & Co. KGaA]
Direct Link  https://www.testo.com/en-US/
Logo TESTO - Testo SE & Co. KGaA

TESTO410 Datasheet(HTML) 1 Page - Testo SE & Co. KGaA

  TESTO410 Datasheet HTML 1Page - Testo SE & Co. KGaA TESTO410 Datasheet HTML 2Page - Testo SE & Co. KGaA  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Flow velocity measuring instrument with temperature
measurement
Integrated measurement with 40 mm vane
Time mean value calculation
Hold function and max./min. values
Windchill calculation for outdoor areas
Additional advantages testo 410-2: Air humidity
measurement with long-term stable Testo humidity sensor
Vane anemometer
testo 410 – Pocket-sized flow
velocity measuring instrument
m/s
°C
%RH
The vane anemometers testo 410-1 and testo 410-2 offer
perfect flow velocity measurement results in handy pocket
format. The small, user-friendly testo 410-1 measures air
flow velocity and temperature, and is suitable for fast spot
checks on ventilation outlets thanks to the integrated
measurement with the 40 mm vane. A timed mean value
calculation is also possible. The measuring instrument has
an illuminated display, a clip-on protective cap, and a wrist
strap and a belt holder ensure safekeeping.
In addition to air flow velocity and air temperature, the testo
410-2 also measures air humidity. This allows air conditions
to be tested reliably. In addition to this, dewpoint and wet
bulb are calculated and displayed fully automatically.
www.testo.com
Illustration 1:1
We measure it.
testo-410-P01
11.06.2013
13:56
Seite 1


Similar Part No. - TESTO410

ManufacturerPart #DatasheetDescription
logo
Testo SE & Co. KGaA
TESTO405 TESTO-TESTO405 Datasheet
1Mb / 2P
Thermal anemometer
TESTO425 TESTO-TESTO425 Datasheet
334Kb / 2P
Thermal anemometer
TESTO435 TESTO-TESTO435 Datasheet
2Mb / 8P
Multi-function measuring instrument
TESTO435-1 TESTO-TESTO435-1 Datasheet
2Mb / 8P
Multi-function measuring instrument
TESTO435-2 TESTO-TESTO435-2 Datasheet
2Mb / 8P
Multi-function measuring instrument
More results

Similar Description - TESTO410

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
407117 EXTECH-407117 Datasheet
329Kb / 6P
Heavy Duty Mini Vane CFM Thermo Anemometer
451104 EXTECH-451104 Datasheet
130Kb / 7P
Digital Vane Thermo-Anemometer
451112 EXTECH-451112 Datasheet
161Kb / 5P
Vane Anemometer
451126 EXTECH-451126 Datasheet
199Kb / 10P
Vane Thermo-Anemometer Datalogger
logo
Honeywell Accelerometer...
SR17CJ6 HONEYWELL-ACC-SR17CJ6 Datasheet
137Kb / 1P
VANE SENSOR (MAGNETIC)
logo
Honeywell Solid State E...
SR17C-J6 HONEYWELL-SR17C-J6 Datasheet
138Kb / 1P
VANE SENSOR
logo
Extech Instruments Corp...
SDL300 EXTECH-SDL300 Datasheet
251Kb / 1P
Metal Vane Thermo-Anemometer/Datalogger
SDL310 EXTECH-SDL310 Datasheet
216Kb / 1P
Vane Thermo-Anemometer/Datalogger
407113 EXTECH-407113_15 Datasheet
470Kb / 1P
Heavy Duty CFM Metal Vane Anemometer
logo
Testo SE & Co. KGaA
TESTO405 TESTO-TESTO405 Datasheet
1Mb / 2P
Thermal anemometer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com