Electronic Components Datasheet Search
  English  ▼

X  

TESTO460 Datasheet(PDF) 2 Page - Testo SE & Co. KGaA

Part # TESTO460
Description  rpm measuring instrument
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TESTO [Testo SE & Co. KGaA]
Direct Link  https://www.testo.com/en-US/
Logo TESTO - Testo SE & Co. KGaA

TESTO460 Datasheet(HTML) 2 Page - Testo SE & Co. KGaA

  TESTO460 Datasheet HTML 1Page - Testo SE & Co. KGaA TESTO460 Datasheet HTML 2Page - Testo SE & Co. KGaA  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
testo 460
Technical data / Accessories
testo 460
testo 460 measuring instrument for rpm
incl. protection cap, batteries, belt holder
and calibration protocol
Part no. 0560 0460
General technical data
Storage temperature
-40 to +70 °C
Operating temperature
0 to +50 °C
Battery type
2 AAA micro batteries
Battery life
20 h (average, without display illumination)
Weight
85 g (incl. battery and protective cap)
Dimensions
119 x 46 x 25 mm (incl. protective cap)
Protection class
IP40
Selectable units
rpm, rps
Measuring rate
0.5 s
Warranty
2 years
www.testo.com
Sensor type
optical
Measuring range
Accuracy
±1 digit
Resolution
100 to 29999 rpm
±(0.02 %of mv)
0.1 rpm (100 to 999.9 rpm)
1 rpm (1000 to 29999 rpm)
We measure it.
Accessories
Part no.
Accessories for measuring instrument
0554 0493
0516 4007
Reflectors, self-adhesive (1 pack = 5 off, each 150 mm long)
Belt holder
0520 0114
ISO calibration certificate/rpm, Calibration points freely selectable from 10 to 99500 rpm
testo-460-P02
17.10.2013
07:41
Seite 2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com