Electronic Components Datasheet Search
  English  ▼

X  

TESTO540 Datasheet(PDF) 2 Page - Testo SE & Co. KGaA

Part # TESTO540
Description  Light intensity measuring instrument
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TESTO [Testo SE & Co. KGaA]
Direct Link  https://www.testo.com/en-US/
Logo TESTO - Testo SE & Co. KGaA

TESTO540 Datasheet(HTML) 2 Page - Testo SE & Co. KGaA

  TESTO540 Datasheet HTML 1Page - Testo SE & Co. KGaA TESTO540 Datasheet HTML 2Page - Testo SE & Co. KGaA  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Technical data / Accessories
testo 540
testo 540 pocket sized Lux meter incl. protection
cap, batteries and factory calibration document
Part no. 0560 0540
General technical data
Measurement rate
0.5 s
Storage temperature
-40 to +70 °C
Protection class
IP40
Operating temperature
0 to +50 °C
Battery type
2 AAA batteries
Battery life
200 h (average, without display illumination)
Dimensions
133 x 46 x 25 mm
Weight
95 g (incl. batteries and protective cap)
Warranty
2 years
Sensor type
Silicone photodiode
Measuring range
Accuracy
±1 digit
Resolution
0 to 99,999 Lux / 0 to 9,920 FtC
1 Lux (0 to 19,999 Lux) / 10 Lux (remaining range)
0.1 FtC (0 to 1,860 Ftc) / 1 FtC (remaining range)
±3 Lux or ±3 % of m.v. (compared to
reference Class B, DIN 5032 Part 7)
Testo Inc.
40 White Lake Road
Sparta, NJ 07871
1-800-227-0729
www.testo.com
info@testo.com
testo 540



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com