Electronic Components Datasheet Search
  English  ▼

X  

TESTO882 Datasheet(PDF) 1 Page - Testo SE & Co. KGaA

Part # TESTO882
Description  Thermal Camera
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TESTO [Testo SE & Co. KGaA]
Direct Link  https://www.testo.com/en-US/
Logo TESTO - Testo SE & Co. KGaA

TESTO882 Datasheet(HTML) 1 Page - Testo SE & Co. KGaA

  TESTO882 Datasheet HTML 1Page - Testo SE & Co. KGaA TESTO882 Datasheet HTML 2Page - Testo SE & Co. KGaA  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.testo.com
Testo Inc.
800-227-0729
info@testo.com
Testo 882 Thermal Camera
Sensitivity, Resolution and
Performance
Large 3.5” LCD Screen
Detector Resolution 320 x 240
- SuperResolution 640 x 480
<50 mK NETD sensitivity
High Temperature Option 1022oF
TwinPix image blending
Solar Mode
Isotherms
Voice Annotation
Lens Protection Glass
Customizable Reporting Software
Features
Industrial and Commercial Preventive Maintenance
applications are some of the most demanding work
environments for use of a thermal camera. The 882
utilizes a proven design, with features that are used all
day, every day. The high sensitivity 50 mK and resolution
320 x 240 make this light weight camera extremely
versatile in any inspection program.
With additional features like TwinPix image blending,
Isotherms and Lens Protection Glass to provide another
level of assurance and flexibility to one of your most
powerful inspection tools.


Similar Part No. - TESTO882

ManufacturerPart #DatasheetDescription
logo
Testo SE & Co. KGaA
TESTO885 TESTO-TESTO885 Datasheet
395Kb / 4P
Thermal imager
More results

Similar Description - TESTO882

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
A3P250 ACTEL-A3P250 Datasheet
538Kb / 1P
Camera Interface
logo
Leopard Imaging Inc.
LI-ISX019-GMSL LEOPARD-LI-ISX019-GMSL Datasheet
614Kb / 6P
SerDes Camera
LI-OV10640-490-SER LEOPARD-LI-OV10640-490-SER Datasheet
359Kb / 3P
SerDes Camera
LI-OV10640-GMSL2-060H LEOPARD-LI-OV10640-GMSL2-060H Datasheet
646Kb / 7P
SerDes Camera
LI-OV10650-495-GMSL2 LEOPARD-LI-OV10650-495-GMSL2 Datasheet
749Kb / 7P
SerDes Camera
LI-S5K2A1-FPDLINKIII LEOPARD-LI-S5K2A1-FPDLINKIII Datasheet
636Kb / 6P
SerDes Camera
logo
List of Unclassifed Man...
TG130 ETC1-TG130 Datasheet
1Mb / 2P
Spot Thermal Camera
logo
Pepperl+Fuchs Inc.
CUBE800EUR PF-CUBE800EUR Datasheet
1Mb / 2P
Intrinsically safe wearable camera and thermal imaging camera
CUBE800NAM PF-CUBE800NAM Datasheet
1Mb / 2P
Intrinsically safe wearable camera and thermal imaging camera
logo
Advantech Co., Ltd.
ICAM-7000 ADVANTECH-ICAM-7000 Datasheet
221Kb / 1P
Smart Camera
22-Dec-2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com