Electronic Components Datasheet Search
  English  ▼

X  

TCP8531 Datasheet(PDF) 1 Page - Hosiden Corporation

Part # TCP8531
Description  Moulded Type Straight Plugs
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOSIDEN [Hosiden Corporation]
Direct Link  https://www.hosiden.co.jp/en/
Logo HOSIDEN - Hosiden Corporation

TCP8531 Datasheet(HTML) 1 Page - Hosiden Corporation

  TCP8531 Datasheet HTML 1Page - Hosiden Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Unit:mm
TCP8500 Series
TCP8580
φA
φ12
40
27
6
インサート式ストレートプラグ
Moulded Type Straight Plugs
TCP8700 Series
ネジロックタイプ/Screw Lock Type
TCP8780
φ12
φ15.2
40
27
19
13
φA
φA=4.8mm
(TCP8500 Series)
Model No.
Number of Pin
3
4
5a
5b
5c
6
7
8a
8b
TCP8530
TCP8540
TCP8550
TCP8510
TCP8520
TCP8560
TCP8570
TCP8580
TCP8590
φA=3.8mm
(TCP8500 Series)
Model No.
TCP8531
TCP8541
TCP8551
TCP8511
TCP8521
TCP8561
TCP8571
TCP8581
TCP8591
φA=4.8mm
(TCP8700 Series)
Model No.
TCP8730
TCP8740
TCP8750
TCP8760
TCP8770
TCP8780
TCP8790
注記:
1. TCP8500、TCP8700 シリーズは、インサート成形によるプラグのため、
コード付製品として販売致しますので、プラグのみのバラ売りはできま
せん。
2. 上記製品の絶縁材料は UL 材です。
(94V-0)
3. ソケットとの適合関係について
q 一覧表(P. 6)を参照してください。
w 5P(a)プラグは 6P ソケットと、8P(a)プラグは 6P、7P ソケットと
誤挿入防止の関係になっておりません。
4. 色調:黒、グレー# 1、グレー# 2
Notes:
1. The
TCP8500, TCP8700 series plugs are made by insertion molding with
cords. Plugs cannot be sold independently.
2. The insulation materials of the above products are recognized by UL
(94V-0).
3. Combinations with sockets
q Please see page 6.
w The combinations of the 5P (a) plug and the 6P socket, the 8P (a)
plug and the 6P socket, and the 8P (a) plug and the 7P socket are not
designed for error connecting prevention.
4. Color: Black, Gray
# 1, Gray # 2
※ピン配列表は(P2)
を参照して下さい。/Prease see page 2 for pin arrangement.
Datasheet.Live


Similar Part No. - TCP8531

ManufacturerPart #DatasheetDescription
logo
Hosiden Corporation
TCP8531 HOSIDEN-TCP8531 Datasheet
14Mb / 40P
Miniature Circular Connectors
2016. 10
More results

Similar Description - TCP8531

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CONG1A-A5 ETC2-CONG1A-A5 Datasheet
66Kb / 2P
General Accessories Plugs Type CONG
logo
Yamaichi Electronics Co...
NCP036-020-BF YAMAICHI-NCP036-020-BF Datasheet
124Kb / 2P
IDC Type Plugs
logo
Switchcraft, Inc.
TT261 SWITCH-TT261 Datasheet
20Kb / 1P
.173 MINIATURE TELEPHONE PLUGS BANTAM TYPE
TT-201 SWITCH-TT-201 Datasheet
33Kb / 1P
MINIATURE, DUMMY PLUGS, HOLE PLUGS
logo
Tyco Electronics
2-1437426-5 MACOM-2-1437426-5 Datasheet
1Mb / 29P
Straight Plugs
logo
Amphenol Corporation
901-9511-1SFC AMPHENOL-901-9511-1SFC Datasheet
57Kb / 1P
Straight Cable Plugs
logo
Switchcraft, Inc.
TT203 SWITCH-TT203 Datasheet
33Kb / 1P
MINIATURE, DUMMY PLUGS, HOLE PLUGS
logo
List of Unclassifed Man...
K2142WHI ETC2-K2142WHI Datasheet
104Kb / 1P
MOULDED BOXES 19mm
logo
celduc-relais
P6250000 CELDUC-P6250000 Datasheet
186Kb / 1P
MOULDED CONTROL MAGNET
logo
Switchcraft, Inc.
CA761KS07984 SWITCH-CA761KS07984 Datasheet
244Kb / 2P
CABLE ASSEMBLY - MOLDED STRAIGHT POWER PLUGS, RoHS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com