Electronic Components Datasheet Search
  English  ▼

X  

CMD227 Datasheet(PDF) 2 Page - Custom MMIC Design Services, Inc.

Part # CMD227
Description  Passive Frequency Doubler, 8-15 GHz Input
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMIC [Custom MMIC Design Services, Inc.]
Direct Link  https://www.custommmic.com/
Logo MMIC - Custom MMIC Design Services, Inc.

CMD227 Datasheet(HTML) 2 Page - Custom MMIC Design Services, Inc.

  CMD227 Datasheet HTML 1Page - Custom MMIC Design Services, Inc. CMD227 Datasheet HTML 2Page - Custom MMIC Design Services, Inc. CMD227 Datasheet HTML 3Page - Custom MMIC Design Services, Inc. CMD227 Datasheet HTML 4Page - Custom MMIC Design Services, Inc. CMD227 Datasheet HTML 5Page - Custom MMIC Design Services, Inc. CMD227 Datasheet HTML 6Page - Custom MMIC Design Services, Inc. CMD227 Datasheet HTML 7Page - Custom MMIC Design Services, Inc. CMD227 Datasheet HTML 8Page - Custom MMIC Design Services, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Custom MMIC
300 Apollo Drive Chelmsford, MA 01824 Phone (978) 467-4290 Fax (978) 467-4294
Visit us online at www.custommmic.com
CMD227
CMD227
CMD227
Passive Frequency Doubler, 8-15 GHz Input
ver 1.1 0616
Specifications
Absolute Maximum Ratings
Electrical Specifications - TA = 25
oC, Pin = +15 dBm
Parameter
Rating
RF Input Power
+27 dBm
Operating Temperature
-55 to 85 °C
Storage Temperature
-55 to 150 °C
Operation of this device outside the maximum
ratings may cause permanent damage.
Parameter
Min
Typ
Max
Min
Typ
Max
Units
Frequency Range, Input
8 - 15
10 - 13
GHz
Frequency Range, Output
16 - 30
20 - 26
GHz
Conversion Loss
13
19
11
15.5
dB
Fo Isolation (with respect to input level)
36
44
36
44
dB
3Fo Isolation (with respect to input level)
37
44
37
44
dB



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com