Electronic Components Datasheet Search
  English  ▼

X  

CMD217 Datasheet(PDF) 1 Page - Custom MMIC Design Services, Inc.

Part # CMD217
Description  28-32 GHz GaN Power Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMIC [Custom MMIC Design Services, Inc.]
Direct Link  https://www.custommmic.com/
Logo MMIC - Custom MMIC Design Services, Inc.

CMD217 Datasheet(HTML) 1 Page - Custom MMIC Design Services, Inc.

  CMD217 Datasheet HTML 1Page - Custom MMIC Design Services, Inc. CMD217 Datasheet HTML 2Page - Custom MMIC Design Services, Inc. CMD217 Datasheet HTML 3Page - Custom MMIC Design Services, Inc. CMD217 Datasheet HTML 4Page - Custom MMIC Design Services, Inc. CMD217 Datasheet HTML 5Page - Custom MMIC Design Services, Inc. CMD217 Datasheet HTML 6Page - Custom MMIC Design Services, Inc. CMD217 Datasheet HTML 7Page - Custom MMIC Design Services, Inc. CMD217 Datasheet HTML 8Page - Custom MMIC Design Services, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Custom MMIC
300 Apollo Drive Chelmsford, MA 01824 Phone (978) 467-4290 Fax (978) 467-4294
Visit us online at www.custommmic.com
The CMD217 is a 8.5 W GaN MMIC power
amplifier
die
ideally
suited
for
Ka-band
communications systems where high power and
high linearity are needed. The device delivers
greater than 20 dB of gain with a corresponding
output 1 dB compression point of +36.7 dBm
and a saturated output power of +39.3 dBm at
35% power added efficiency. The CMD217 is a
50 ohm matched design eliminating the need for
external DC blocks and RF port matching. The
CMD217 offers full passivation for increased
reliability and moisture protection.
► High Power
► High linearity
► Excellent efficiency
► Small die size
Electrical Performance - Vdd = 28 V, Vgg1 = Vgg2 = Vgg3 = -3.4 V, TA = 25
oC, F = 30 GHz
Features
Description
Functional Block Diagram
Parameter
Min
Typ
Max
Units
Frequency Range
GHz
Gain
20
dB
Output P1dB
36.7
dBm
Output Psat
39.3
dBm
Input Return Loss
13
dB
Output Return Loss
23
dB
Supply Current
580
mA
28 - 32
ver 1.6 0519
1
2
4
5
6
3
CMD217
28-32 GHz GaN Power Amplifier


Similar Part No. - CMD217

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
CMD217 QORVO-CMD217 Datasheet
112Kb / 8P
28-32 GHz GaN Power Amplifier
More results

Similar Description - CMD217

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA2623-CP TRIQUINT-TGA2623-CP_15 Datasheet
617Kb / 15P
10 to 11 GHz 32 W GaN Power Amplifier
logo
Qorvo, Inc
QPA2225D QORVO-QPA2225D Datasheet
722Kb / 23P
28 ??38 GHz 0.4 Watt GaN Driver Amplifier
logo
Custom MMIC Design Serv...
CMD262 MMIC-CMD262 Datasheet
199Kb / 8P
26-28 GHz GaN Power Amplifier
logo
Qorvo, Inc
CMD217 QORVO-CMD217 Datasheet
112Kb / 8P
28-32 GHz GaN Power Amplifier
QPB3238 QORVO-QPB3238 Datasheet
794Kb / 9P
32 ??38 GHz Ka-Band GaN Amplifier
TGA2224 QORVO-TGA2224 Datasheet
545Kb / 21P
32 ??38 GHz 5 Watt GaN Amplifier
TGA2222 QORVO-TGA2222 Datasheet
571Kb / 21P
32 ??38 GHz 10 Watt GaN Amplifier
TGA2623-CP QORVO-TGA2623-CP Datasheet
770Kb / 16P
10 ??11 GHz 32 W GaN Power Amplifier
QPA2225 QORVO-QPA2225 Datasheet
855Kb / 22P
28 ??38 GHz 0.4 Watt GaN Driver Amplifier
Dec. 2021
QPB3238N QORVO-QPB3238N Datasheet
1Mb / 17P
32 – 38 GHz Ka-Band GaN Amplifier
September 2021
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com