Electronic Components Datasheet Search
  English  ▼

X  

CMD216 Datasheet(PDF) 2 Page - Custom MMIC Design Services, Inc.

Part # CMD216
Description  14-18 GHz GaN Power Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMIC [Custom MMIC Design Services, Inc.]
Direct Link  https://www.custommmic.com/
Logo MMIC - Custom MMIC Design Services, Inc.

CMD216 Datasheet(HTML) 2 Page - Custom MMIC Design Services, Inc.

  CMD216 Datasheet HTML 1Page - Custom MMIC Design Services, Inc. CMD216 Datasheet HTML 2Page - Custom MMIC Design Services, Inc. CMD216 Datasheet HTML 3Page - Custom MMIC Design Services, Inc. CMD216 Datasheet HTML 4Page - Custom MMIC Design Services, Inc. CMD216 Datasheet HTML 5Page - Custom MMIC Design Services, Inc. CMD216 Datasheet HTML 6Page - Custom MMIC Design Services, Inc. CMD216 Datasheet HTML 7Page - Custom MMIC Design Services, Inc. CMD216 Datasheet HTML 8Page - Custom MMIC Design Services, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Custom MMIC
300 Apollo Drive Chelmsford, MA 01824 Phone (978) 467-4290 Fax (978) 467-4294
Visit us online at www.custommmic.com
CMD216
CMD216
CMD216
14-18 GHz GaN Power Amplifier
Specifications
Absolute Maximum Ratings
Recommended Operating Conditions
Parameter
Rating
Drain Voltage, Vdd
RF Input Power
Channel Temperature, Tch
Power Dissipation, Pdiss
Thermal Resistance
Operating Temperature
-55 to 85 °C
Storage Temperature
-55 to 150 °C
Gate Voltage, Vgg1, 2
Operation of this device outside the maximum
ratings may cause permanent damage.
Electrical performance is measured at specific
test conditions. Electrical specifications are not
guaranteed over all recommended operating con-
ditions.
ver 1.3 0616
Electrical Specifications - V = 28 V, Vgg1 = Vgg2 = -3.4 V, TA = 25
oC
Parameter
Min
Typ
Max
Units
Vdd
28
V
Idd
550
mA
Vgg1, 2
-3.4
Parameter
Min
Typ
Max
Units
Frequency Range
14 - 18
GHz
Gain
16
dB
Input Return Loss
10
dB
Output Return Loss
15
dB
Output P1dB
36.5
dBm
Psat
37.5
dBm
Output IP3
43
dBm
Power Added Efficiency
28
%
Supply Current
550
mA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com