Electronic Components Datasheet Search
  English  ▼

X  

ATU18_160 Datasheet(PDF) 2 Page - ATMEL Corporation

Part # ATU18_160
Description  0.18um ULC Series with Embedded DPRAM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATU18_160 Datasheet(HTML) 2 Page - ATMEL Corporation

  ATU18_160 Datasheet HTML 1Page - ATMEL Corporation ATU18_160 Datasheet HTML 2Page - ATMEL Corporation ATU18_160 Datasheet HTML 3Page - ATMEL Corporation ATU18_160 Datasheet HTML 4Page - ATMEL Corporation ATU18_160 Datasheet HTML 5Page - ATMEL Corporation ATU18_160 Datasheet HTML 6Page - ATMEL Corporation ATU18_160 Datasheet HTML 7Page - ATMEL Corporation ATU18_160 Datasheet HTML 8Page - ATMEL Corporation ATU18_160 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
4318C–ULC–08/05
ATU18
The ATU18 series provide several options for output buffers, including a variety of drive levels
up to 24mA. Schmitt trigger inputs are also available. A number of techniques are used to
improve noise immunity and to reduce EMC emissions, including several independent power
supply buses and internal decoupling for isolation.
The ATU18 series are designed to allow conversion of high performance 1.8V devices. Support
of mixed supply conversions is also possible, allowing optimal trade–offs between speed and
power consumption.
Array
Organization
Architecture
The ATMEL 0.18um matrices allow conversions of designs being developed on Altera/Apex-
Apex™II Stratix® Cyclone™ or Xilinx/Virtex™, Spartan™ and CoolRunner™ families. Each matrix
contains configurable memory DPRAM blocks, PLLs (from 2 to 4) and Power-on-Reset. It can
also integrate a 1.8V regulator from 3.3V supply if no available 1.8V on the board. The associ-
ated Physical synthesis/optimization flow contributes to achieve high speed designs, even
improving drastically the application frequency and power consumption.
Table 1. Matrices
Part Number
Max Pads
Gates
DPRAM bits
PLL
ATU18_680
680
1000K
847K
4
ATU18_600
600
720K
700K
4
ATU18_484
484
486K
460K
2
ATU18_432
432
330K
350K
2
ATU18_352
352
276K
221K
2
ATU18_304
304
171K
183K
2
ATU18_256
256
111K
147K
2
ATU18_160
160
45K
55K
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com