Electronic Components Datasheet Search
  English  ▼

X  

CMD203 Datasheet(PDF) 1 Page - Custom MMIC Design Services, Inc.

Part # CMD203
Description  DC-20 GHz SP4T Non-reflective Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMIC [Custom MMIC Design Services, Inc.]
Direct Link  https://www.custommmic.com/
Logo MMIC - Custom MMIC Design Services, Inc.

CMD203 Datasheet(HTML) 1 Page - Custom MMIC Design Services, Inc.

  CMD203 Datasheet HTML 1Page - Custom MMIC Design Services, Inc. CMD203 Datasheet HTML 2Page - Custom MMIC Design Services, Inc. CMD203 Datasheet HTML 3Page - Custom MMIC Design Services, Inc. CMD203 Datasheet HTML 4Page - Custom MMIC Design Services, Inc. CMD203 Datasheet HTML 5Page - Custom MMIC Design Services, Inc. CMD203 Datasheet HTML 6Page - Custom MMIC Design Services, Inc. CMD203 Datasheet HTML 7Page - Custom MMIC Design Services, Inc. CMD203 Datasheet HTML 8Page - Custom MMIC Design Services, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Custom MMIC
300 Apollo Drive Chelmsford, MA 01824 Phone (978) 467-4290 Fax (978) 467-4294
Visit us online at www.custommmic.com
The CMD203 is a broadband MMIC SP4T
switch in die form. The CMD203 covers DC
to 20 GHz and offers a low insertion loss of
2.4 dB and high isolation of 39 dB at 10
GHz. The switch also includes an on board
binary decoder circuit which reduces the
number of required logic control lines from
four to two.
The CMD203 operates using
complementary control voltage logic lines of
0/-5 V and consumes little DC current.
► Low loss broadband performance
► High isolation
► Non-reflective design
► Integrated 2:4 TTL decoder
► Small die size
Electrical Performance - Vctl = 0/-5 V, Vss = -5 V, TA = 25
oC, F = 10 GHz
Features
Description
Functional Block Diagram
Parameter
Min
Typ
Max
Units
Frequency Range
GHz
Insertion Loss
2.4
dB
Isolation
45
dB
Return Loss - On State
9
dB
Return Loss RF1, RF2, RF3, RF4 - Off State
11
dB
Input P1dB
21
dBm
Switching Characteristics
tRISE, tFALL (10/90% RF)
tON, tOFF (50% CTL to 10/90% RF)
66
81/8
ns
ns
DC - 20
ver 1.6 0319
1
2
3
4
4
5
6
7
8
9
RFC
RF1
RF2
RF4
RF3
A
B
Vss
GB
CMD203
DC-20 GHz SP4T Non-reflective Switch


Similar Part No. - CMD203

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
CMD203 QORVO-CMD203 Datasheet
341Kb / 9P
DC-20 GHz SP4T Non-reflective Switch
Rev. C, Mar. 10, 2023
logo
Custom MMIC Design Serv...
CMD203C4 MMIC-CMD203C4 Datasheet
271Kb / 8P
DC-20 GHz SP4T Non-reflective Switch
logo
Qorvo, Inc
CMD203C4 QORVO-CMD203C4 Datasheet
368Kb / 9P
DC-20 GHz SP4T Non-reflective Switch
Rev. B, June 30, 2022
More results

Similar Description - CMD203

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC244G16 HITTITE-HMC244G16_06 Datasheet
266Kb / 6P
GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 4.0 GHz
HMC-C071 HITTITE-HMC-C071 Datasheet
231Kb / 6P
GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 20 GHz
HMC641LC4 HITTITE-HMC641LC4_09 Datasheet
174Kb / 6P
GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 20 GHz
HMC182S14 HITTITE-HMC182S14_08 Datasheet
204Kb / 6P
GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 2 GHz
HMC641LC4_1007 HITTITE-HMC641LC4_1007 Datasheet
403Kb / 6P
GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 20 GHz
HMC641LP4E HITTITE-HMC641LP4E Datasheet
629Kb / 6P
GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 20 GHz
logo
Custom MMIC Design Serv...
CMD203C4 MMIC-CMD203C4 Datasheet
271Kb / 8P
DC-20 GHz SP4T Non-reflective Switch
CMD302C4 MMIC-CMD302C4 Datasheet
249Kb / 8P
DC-20 GHz SP4T Non-reflective Switch
logo
Analog Devices
ADH244S AD-ADH244S Datasheet
149Kb / 7P
DC to 4 GHz SP4T Non-Reflective Switch
HMC641ALC4 AD-HMC641ALC4 Datasheet
466Kb / 6P
GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 20 GHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com