Electronic Components Datasheet Search
  English  ▼

X  

CMD201 Datasheet(PDF) 9 Page - Custom MMIC Design Services, Inc.

Part # CMD201
Description  DC-20 GHz Distributed Power Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMIC [Custom MMIC Design Services, Inc.]
Direct Link  https://www.custommmic.com/
Logo MMIC - Custom MMIC Design Services, Inc.

CMD201 Datasheet(HTML) 9 Page - Custom MMIC Design Services, Inc.

Back Button CMD201 Datasheet HTML 2Page - Custom MMIC Design Services, Inc. CMD201 Datasheet HTML 3Page - Custom MMIC Design Services, Inc. CMD201 Datasheet HTML 4Page - Custom MMIC Design Services, Inc. CMD201 Datasheet HTML 5Page - Custom MMIC Design Services, Inc. CMD201 Datasheet HTML 6Page - Custom MMIC Design Services, Inc. CMD201 Datasheet HTML 7Page - Custom MMIC Design Services, Inc. CMD201 Datasheet HTML 8Page - Custom MMIC Design Services, Inc. CMD201 Datasheet HTML 9Page - Custom MMIC Design Services, Inc. CMD201 Datasheet HTML 10Page - Custom MMIC Design Services, Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Custom MMIC
300 Apollo Drive Chelmsford, MA 01824 Phone (978) 467-4290 Fax (978) 467-4294
Visit us online at www.custommmic.com
Assembly Guidelines
Assembly Diagram
ver 1.4 0218
Applications Information
The backside of the CMD201 is RF ground. Die attach should be accomplished with electrically and
thermally conductive epoxy only. Eutectic attach is not recommended. Standard assembly procedures
should be followed for high frequency devices. The top surface of the semiconductor should be made
planar to the adjacent RF transmission lines, and the RF decoupling capacitors placed in close proximity
to the DC connections on chip.
RF connections should be made as short as possible to reduce the inductive effect of the bond wire. Use
of a 0.8 mil thermosonic wedge bonding is highly recommended as the loop height will be minimized.
The RF input and output require a double bond wire as shown.
The semiconductor is 85 um thick and should be handled by the sides of the die or with a custom collet.
Do not make contact directly with the die surface as this will damage the monolithic circuitry. Handle
with care.
GaAs MMIC devices are susceptible to damage from Electrostatic Discharge. Proper precautions
should be observed during handling, assembly and test.
DC-20 GHz Distributed Power Amplifier
0.1 uF CAP TO GROUND
To Vgg1
0.1 uF CAP TO GROUND
100 pF CAP TO GROUND
100 pF BYPASS CAP
0.1 uF BYPASS CAP
100 pF CAP TO GROUND
0.1 uF BYPASS CAP
100 pF BYPASS CAP
To Vgg2
To Vdd
RF out
RF in
(example: Presidio part
MVB4080X104ZGK5R3L)
(example: Presidio part
LSA1515B101M2H5R-L)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com