Electronic Components Datasheet Search
  English  ▼

X  

202HT Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 202HT
Description  Slim PCB Miniature Power Relay.
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

202HT Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  202HT Datasheet HTML 1Page - List of Unclassifed Manufacturers 202HT Datasheet HTML 2Page - List of Unclassifed Manufacturers 202HT Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SONG CHUAN
117
202HT
Slim PCB Miniature Power Relay.
Designed for high rating 10A and 105
high
temperature applications.
Optional for Flux-tight and sealed version.
Complies with RoHS-Directive 2011/65/EU.
Type List
Features
Contact Rating
Coil Rating (DC)
Ordering Information
Designation (provided with)
Terminal
style
Contact
form
UL Insulation
system approval
Flux tight
Sealed type
Sealed type
washable
PCB terminal
1A (SPNO)
F
202HT- 1AC-F-C
202HT-1AC-F-V
202HT-1AC-F-S
202
H
T
-
1A
C
-
F
-
C
1
2
3
45
6
7
1. 202
-- Basic series designation
5. C
-- Contact material AgNi
2. H
-- High power type
3. T
-- High temperature type
4. 1A
-- Single pole normally open
Rated load
10A 240VAC
Max. switch voltage
277VAC
Max. switch current
10A
Rated
voltage
(V)
Rated current
±10% at 23
(mA)
Coil resistance
±10% at 23
( )
Max. continuous
voltage
at 85
Pick up
voltage (Max.)
at 23
Drop out
voltage(Min.)
at 23
Power consumption
at rated
voltage
5
69.4
6
100
9
225
12
400
18
900
24
1600
130 % of
rated
voltage
75 % of
rated
voltage
5 % of
rated
voltage
approx. 0.36W
72
60
40
30
20
15
6. F
-- Class F
7. C
-- Flux tight
V
-- Sealed type
S
-- Sealed type washable
8.
-- Coil voltage (please refer to the
coil rating data for the availability)
8


Similar Part No. - 202HT

ManufacturerPart #DatasheetDescription
logo
Littelfuse
202 LITTELFUSE-202 Datasheet
40Kb / 1P
FLAT-PAK Fast Acting Fuse202 Series
logo
Marl International Limi...
202 MARL-202 Datasheet
273Kb / 5P
Direct replacement for French Style T1 Midget Flange SX3s
logo
Alpha Wire
202 ALPHAWIRE-202 Datasheet
195Kb / 2P
M12-A Female 4 Pin Field Attachable
logo
Vishay Siliconix
202 VISHAY-202 Datasheet
116Kb / 4P
1 3/4" (44.5 mm) Single Turn Wirewound Precision Potentiometer
07-Dec-2018
logo
France Joint
202 FRANCEJOINT-202 Datasheet
365Kb / 2P
ROD SEALS
More results

Similar Description - 202HT

ManufacturerPart #DatasheetDescription
logo
Picker Components
PC466 PICKER-PC466 Datasheet
194Kb / 2P
Ultra Slim Minature PCB Power Relay
logo
DB Lectro Inc
HG4510 DBLECTRO-HG4510 Datasheet
43Kb / 2P
Miniature PCB Power Relay
logo
fujitsu semiconductor
FTR-B4 FUJITSU-FTR-B4 Datasheet
1,008Kb / 9P
ULTRA MINIATURE RELAY SLIM SIGNAL RELAY
logo
Tyco Electronics
PCH MACOM-PCH Datasheet
127Kb / 3P
Miniature Power PCB Relay
SNR MACOM-SNR Datasheet
220Kb / 3P
Slim PCB Relay
T7N MACOM-T7N Datasheet
157Kb / 3P
Miniature Power PCB Relay
PCN MACOM-PCN Datasheet
173Kb / 2P
Slim PCB Relay
logo
List of Unclassifed Man...
892H-1CH-C-12VDC ETC2-892H-1CH-C-12VDC Datasheet
110Kb / 5P
10mm slim miniature PCB Power Relay
logo
Picker Components
PC466 PICKER-PC466_14 Datasheet
258Kb / 2P
Ultra Slim Minature PCB Power Relay
PC466 PICKER-PC466_17 Datasheet
729Kb / 2P
Ultra Slim Miniature PCB Power Relay
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com