Electronic Components Datasheet Search
  English  ▼

X  

CMD229P4 Datasheet(PDF) 2 Page - Custom MMIC Design Services, Inc.

Part # CMD229P4
Description  5-11 GHz Low Noise Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMIC [Custom MMIC Design Services, Inc.]
Direct Link  https://www.custommmic.com/
Logo MMIC - Custom MMIC Design Services, Inc.

CMD229P4 Datasheet(HTML) 2 Page - Custom MMIC Design Services, Inc.

  CMD229P4 Datasheet HTML 1Page - Custom MMIC Design Services, Inc. CMD229P4 Datasheet HTML 2Page - Custom MMIC Design Services, Inc. CMD229P4 Datasheet HTML 3Page - Custom MMIC Design Services, Inc. CMD229P4 Datasheet HTML 4Page - Custom MMIC Design Services, Inc. CMD229P4 Datasheet HTML 5Page - Custom MMIC Design Services, Inc. CMD229P4 Datasheet HTML 6Page - Custom MMIC Design Services, Inc. CMD229P4 Datasheet HTML 7Page - Custom MMIC Design Services, Inc. CMD229P4 Datasheet HTML 8Page - Custom MMIC Design Services, Inc. CMD229P4 Datasheet HTML 9Page - Custom MMIC Design Services, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Custom MMIC
300 Apollo Drive Chelmsford, MA 01824 Phone (978) 467-4290 Fax (978) 467-4294
Visit us online at www.custommmic.com
ver 1.1 0516
CMD229P4
CMD229P4
CMD229P4
5-11 GHz Low Noise Amplifier
Specifications
Absolute Maximum Ratings
Recommended Operating Conditions
Electrical Specifications - Vdd = 4.0 V, Vgg = 4.0 V TA = 25
oC
Parameter
Rating
Drain Voltage, Vdd
5.5 V
RF Input Power
+20 dBm
Channel Temperature, Tch
150 °C
Power Dissipation, Pdiss
464 mW
Thermal Resistance
140 °C/W
Operating Temperature
-40 to 85 °C
Storage Temperature
-55 to 150 °C
Gate Voltage, Vgg
5.5 V
Parameter
Min
Typ
Max
Units
Vdd
3.0
4.0
5.0
V
Vgg
3.0
4.0
5.0
V
Idd
45
mA
Igg
5
mA
Operation of this device outside the maximum
ratings may cause permanent damage.
Electrical performance is measured at specific
test conditions. Electrical specifications are not
guaranteed over all recommended operating
conditions.
Parameter
Min
Typ
Max
Min
Typ
Max
Units
Frequency Range
6 - 9
5 - 11
GHz
Gain
23.5
26.5
29.5
22.5
26.5
29.5
dB
Input Return Loss
15
13
dB
Output Return Loss
9
9
dB
Output P1dB
13.5
13.5
dBm
Output IP3
23.5
22.5
dBm
Supply Current
30
45
60
30
45
60
mA
Gain Temperature
Coefficient
0.014
0.014
dB/°C
Noise Figure Temperature
Coefficient
0.008
0.008
dB/°C
Noise Figure
1.5
1.9
1.7
2.3
dB



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com