Electronic Components Datasheet Search
  English  ▼

X  

CMD232 Datasheet(PDF) 1 Page - Custom MMIC Design Services, Inc.

Part # CMD232
Description  2-9 GHz Driver Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMIC [Custom MMIC Design Services, Inc.]
Direct Link  https://www.custommmic.com/
Logo MMIC - Custom MMIC Design Services, Inc.

CMD232 Datasheet(HTML) 1 Page - Custom MMIC Design Services, Inc.

  CMD232 Datasheet HTML 1Page - Custom MMIC Design Services, Inc. CMD232 Datasheet HTML 2Page - Custom MMIC Design Services, Inc. CMD232 Datasheet HTML 3Page - Custom MMIC Design Services, Inc. CMD232 Datasheet HTML 4Page - Custom MMIC Design Services, Inc. CMD232 Datasheet HTML 5Page - Custom MMIC Design Services, Inc. CMD232 Datasheet HTML 6Page - Custom MMIC Design Services, Inc. CMD232 Datasheet HTML 7Page - Custom MMIC Design Services, Inc. CMD232 Datasheet HTML 8Page - Custom MMIC Design Services, Inc. CMD232 Datasheet HTML 9Page - Custom MMIC Design Services, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Custom MMIC
300 Apollo Drive Chelmsford, MA 01824 Phone (978) 467-4290 Fax (978) 467-4294
Visit us online at www.custommmic.com
The CMD232 is a wideband GaAs MMIC
driver amplifier ideally suited for military,
space and communications systems where
small size and high linearity are needed. At 6
GHz the device delivers greater than 15 dB of
gain with a corresponding output 1 dB com-
pression point of +17 dBm and an output IP3
of 23 dBm. The CMD232 is a 50 ohm matched
design which eliminates the need for external
DC blocks and RF port matching. The
CMD232 offers full passivation for increased
reliability and moisture protection.
► High gain
► Wide bandwidth
► Single positive supply voltage
► Small die size
► CMM-9 replacement
Electrical Performance - Vdd = 6.0 V, TA = 25
oC, F=6 GHz
Features
Description
Functional Block Diagram
ver 1.2 0616
Parameter
Min
Typ
Max
Units
Frequency Range
2 - 9
GHz
Gain
15
dB
Input Return Loss
15
dB
Output Return Loss
14
dB
Output P1dB
17
dBm
Supply Current
90
mA
Output IP3
23
dBm
CMD232
CMD232
CMD232
2-9 GHz Driver Amplifier
1
2
3
4
5
6
RFIN
RFOUT
Vdd1
Vdd2
GB1
GB2


Similar Part No. - CMD232

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
CMD232 QORVO-CMD232 Datasheet
222Kb / 12P
2-9 GHz Driver Amplifier
logo
Custom MMIC Design Serv...
CMD232C3 MMIC-CMD232C3 Datasheet
253Kb / 12P
2-9 GHz Driver Amplifier
logo
Qorvo, Inc
CMD232C3 QORVO-CMD232C3 Datasheet
253Kb / 12P
2-9 GHz Driver Amplifier
More results

Similar Description - CMD232

ManufacturerPart #DatasheetDescription
logo
Custom MMIC Design Serv...
CMD170P4 MMIC-CMD170P4 Datasheet
234Kb / 9P
7.5-9 GHz Driver Amplifier
CMD232C3 MMIC-CMD232C3 Datasheet
253Kb / 12P
2-9 GHz Driver Amplifier
logo
Qorvo, Inc
CMD170P4 QORVO-CMD170P4 Datasheet
234Kb / 9P
7.5-9 GHz Driver Amplifier
CMD295C4 QORVO-CMD295C4 Datasheet
301Kb / 13P
2-20 GHz Driver Amplifier
CMD232C3 QORVO-CMD232C3 Datasheet
253Kb / 12P
2-9 GHz Driver Amplifier
CMD232 QORVO-CMD232 Datasheet
222Kb / 12P
2-9 GHz Driver Amplifier
CMD170P4 QORVO-CMD170P4_V01 Datasheet
279Kb / 10P
7.5-9 GHz Driver Amplifier
August 26, 2021
CMD231 QORVO-CMD231 Datasheet
233Kb / 12P
2-6 GHz Driver Amplifier
CMD295 QORVO-CMD295 Datasheet
265Kb / 13P
2-20 GHz Driver Amplifier
CMD295C4 QORVO-CMD295C4_V01 Datasheet
401Kb / 14P
2-20 GHz Driver Amplifier
August 23, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com