Electronic Components Datasheet Search
  English  ▼

X  

HC3 Datasheet(PDF) 21 Page - TEKTRONIX, INC.

Part # HC3
Description  Mixed Domain Oscilloscopes
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

HC3 Datasheet(HTML) 21 Page - TEKTRONIX, INC.

Back Button HC3 Datasheet HTML 17Page - TEKTRONIX, INC. HC3 Datasheet HTML 18Page - TEKTRONIX, INC. HC3 Datasheet HTML 19Page - TEKTRONIX, INC. HC3 Datasheet HTML 20Page - TEKTRONIX, INC. HC3 Datasheet HTML 21Page - TEKTRONIX, INC. HC3 Datasheet HTML 22Page - TEKTRONIX, INC. HC3 Datasheet HTML 23Page - TEKTRONIX, INC. HC3 Datasheet HTML 24Page - TEKTRONIX, INC. HC3 Datasheet HTML 25Page - TEKTRONIX, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
Maximum power before
damage (CW)
+33 dBm (2 W)
Maximum power before
damage (pulse)
+45 dBm (32 W) (<10 µs pulse width, <1% duty cycle, and reference level of ≥ +10 dBm)
Maximum operating input level
with TPA-N-PRE preamp attached
Average continuous power
+20 dBm (0.1 W)
DC maximum before damage
±20 V DC
Maximum power before
damage (CW)
+30 dBm (1 W)
Maximum power before
damage (pulse)
+45 dBm (32 W) (<10 μs pulse width, <1% duty cycle, and reference level of ≥ +10 dBm)
Frequency domain trace types
Normal, Average, Max Hold, Min Hold
Detection methods
+Peak, -Peak, Average, Sample
Automatic markers
One to eleven peaks identified based on user-adjustable threshold and excursion values
Manual markers
Two manual markers indicating frequency, amplitude, noise density, and phase noise
Marker readouts
Absolute or Delta
FFT windows
FFT window
Factor
Kaiser
2.23
Rectangular
0.89
Hamming
1.30
Hanning
1.44
Blackman-Harris
1.90
Flat-Top
3.77
3 Series MDO
www.tek.com 21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com