Electronic Components Datasheet Search
  English  ▼

X  

CAT1021 Datasheet(PDF) 12 Page - Catalyst Semiconductor

Part # CAT1021
Description  Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM, Manual Reset and Watchdog Timer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT1021 Datasheet(HTML) 12 Page - Catalyst Semiconductor

Back Button CAT1021 Datasheet HTML 8Page - Catalyst Semiconductor CAT1021 Datasheet HTML 9Page - Catalyst Semiconductor CAT1021 Datasheet HTML 10Page - Catalyst Semiconductor CAT1021 Datasheet HTML 11Page - Catalyst Semiconductor CAT1021 Datasheet HTML 12Page - Catalyst Semiconductor CAT1021 Datasheet HTML 13Page - Catalyst Semiconductor CAT1021 Datasheet HTML 14Page - Catalyst Semiconductor CAT1021 Datasheet HTML 15Page - Catalyst Semiconductor CAT1021 Datasheet HTML 16Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
12
CAT1021, CAT1022, CAT1023
Doc. No. 3009, Rev. K
Acknowledge Polling
Disabling of the inputs can be used to take advantage of
the typical write cycle time. Once the stop condition is
issued to indicate the end of the host’s write opration, the
CAT1021/22/23 initiates the internal write cycle. ACK
polling can be initiated immediately. This involves issuing
the start condition followed by the slave address for a
write operation. If the device is still busy with the write
operation, no ACK will be returned. If a write operation
has completed, an ACK will be returned and the host can
then proceed with the next read or write operation.
WRITE PROTECTION PIN (WP)
The Write Protection feature (CAT1021 only) allows the
user to protect against inadvertent memory array
programming. If the WP pin is tied to VCC, the entire
memory array is protected and becomes read only. The
CAT1021 will accept both slave and byte addresses,
but the memory location accessed is protected from
programming by the device’s failure to send an
acknowledge after the first byte of data is received.
Read Operations
The READ operation for the CAT1021/22/23 is initiated
in the same manner as the write operation with one
exception, the R/
W bit is set to one. Three different
READ operations are possible: Immediate/Current
Address READ, Selective/Random READ and
Sequential READ.
SCL
SDA
8TH BIT
STOP
NO ACK
DATA OUT
89
SLAVE
ADDRESS
S
A
C
K
DATA
N
O
A
C
K
S
T
O
P
P
BUS ACTIVITY:
MASTER
SDA LINE
S
T
A
R
T
Figure 10. Immediate Address Read Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com