Electronic Components Datasheet Search
  English  ▼

X  

PI5A317AP Datasheet(PDF) 4 Page - Pericom Semiconductor Corporation

Part # PI5A317AP
Description  Precision Wide Bandwidth Analog Switches
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5A317AP Datasheet(HTML) 4 Page - Pericom Semiconductor Corporation

  PI5A317AP Datasheet HTML 1Page - Pericom Semiconductor Corporation PI5A317AP Datasheet HTML 2Page - Pericom Semiconductor Corporation PI5A317AP Datasheet HTML 3Page - Pericom Semiconductor Corporation PI5A317AP Datasheet HTML 4Page - Pericom Semiconductor Corporation PI5A317AP Datasheet HTML 5Page - Pericom Semiconductor Corporation PI5A317AP Datasheet HTML 6Page - Pericom Semiconductor Corporation PI5A317AP Datasheet HTML 7Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
28
PS7059B
02/23/98
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI5A317A/318A/319A
Precison Wide Bandwidth Analog Switches
NC, NO
3V
IN
PI5A31X
COM
100W
VOUT
15 pF
Test Circuits
Figure 2. Off Isolation
DIGITAL
INPUT
ANALOG
OUTPUT
50%
50%
90%
90%
tON
tOFF
Figure 1. Switching Time



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com