Electronic Components Datasheet Search
  English  ▼

X  

PCF8811MU/2DA/1 Datasheet(PDF) 14 Page - NXP Semiconductors

Part # PCF8811MU/2DA/1
Description  80 x 128 pixels matrix LCD driver
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8811MU/2DA/1 Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button PCF8811MU/2DA/1 Datasheet HTML 10Page - NXP Semiconductors PCF8811MU/2DA/1 Datasheet HTML 11Page - NXP Semiconductors PCF8811MU/2DA/1 Datasheet HTML 12Page - NXP Semiconductors PCF8811MU/2DA/1 Datasheet HTML 13Page - NXP Semiconductors PCF8811MU/2DA/1 Datasheet HTML 14Page - NXP Semiconductors PCF8811MU/2DA/1 Datasheet HTML 15Page - NXP Semiconductors PCF8811MU/2DA/1 Datasheet HTML 16Page - NXP Semiconductors PCF8811MU/2DA/1 Datasheet HTML 17Page - NXP Semiconductors PCF8811MU/2DA/1 Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 73 page
background image
2004 May 17
14
Philips Semiconductors
Product specification
80
× 128 pixels matrix LCD driver
PCF8811
9.1.3.2
Mirror Y (MY)
The MY bit allows vertical mirroring: when MY = 1 the Y address space is mirrored; the address Y = 0 is then located at
the bottom of the display (see Fig.10). When MY = 0 the mirroring is disabled and the address Y = 0 is located at top of
the display (see Fig.11).
The icon row, when enabled, will always be located in bank 9 and ROW 79.
handbook, full pagewidth
MGW741
0
Y max
0
X max
X address
Y address
Fig.9 RAM format addressing (MX = 0) (both command sets).
handbook, full pagewidth
MGW742
0
Y max
0
X max
X address
Y address
Fig.10 RAM format addressing (MY = 1) (both command sets).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73