Electronic Components Datasheet Search
  English  ▼

X  

TP0205A Datasheet(PDF) 3 Page - Vishay Siliconix

Part # TP0205A
Description  P-Channel 20-V (D-S) MOSFET, Low-Threshold
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TP0205A Datasheet(HTML) 3 Page - Vishay Siliconix

  TP0205A Datasheet HTML 1Page - Vishay Siliconix TP0205A Datasheet HTML 2Page - Vishay Siliconix TP0205A Datasheet HTML 3Page - Vishay Siliconix TP0205A Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TP0205A/AD
Vishay Siliconix
New Product
Document Number: 70869
S-04279—Rev. B, 16-Jul-01
www.vishay.com
11-3
TYPICAL CHARACTERISTICS (TA = 25_C UNLESS OTHERWISE NOTED)
0
2
4
6
8
0
100
200
300
400
500
600
0.6
0.8
1.0
1.2
1.4
1.6
–50
–25
0
25
50
75
100
125
150
0
9
18
27
36
45
25
_C
TJ = –55
_C
Crss
Coss
Ciss
VDS = –6 V
ID = 80 mA
VGS = –4.5 V
ID = –180 mA
VGS = –4.5 V
VGS = –2.5 V
–2 V
125
_C
–2.5 V
Output Characteristics
Transfer Characteristics
Gate Charge
On-Resistance vs. Drain Current
VDS – Drain-to-Source Voltage (V)
VGS – Gate-to-Source Voltage (V)
Qg – Total Gate Charge (pC)
VDS – Drain-to-Source Voltage (V)
ID – Drain Current (A)
Capacitance
On-Resistance vs. Junction Temperature
TJ – Junction Temperature (
_C)
–3 V
–3.5 V
–4 V
5 V
4.5 V
–1.2
–1.0
–0.8
–0.6
–0.4
–0.2
0.0
0
–1
–2
–3
–4
–0.5
–0.4
–0.3
–0.2
–0.1
0.0
0.0
–0.5
–1.0
–1.5
–2.0
–2.5
–3.0
VGS = 0 V
f = 1 MHz
0
–3
–6
–9
–12
–3.0
–2.5
–2.0
–1.5
–1.0
–0.5
0.0
–10
–8
–6
–4
–2
0



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com