Electronic Components Datasheet Search
  English  ▼

X  

CMD236C4 Datasheet(PDF) 2 Page - Custom MMIC Design Services, Inc.

Part # CMD236C4
Description  DC-18 GHz SP6T Non-reflective Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMIC [Custom MMIC Design Services, Inc.]
Direct Link  https://www.custommmic.com/
Logo MMIC - Custom MMIC Design Services, Inc.

CMD236C4 Datasheet(HTML) 2 Page - Custom MMIC Design Services, Inc.

  CMD236C4 Datasheet HTML 1Page - Custom MMIC Design Services, Inc. CMD236C4 Datasheet HTML 2Page - Custom MMIC Design Services, Inc. CMD236C4 Datasheet HTML 3Page - Custom MMIC Design Services, Inc. CMD236C4 Datasheet HTML 4Page - Custom MMIC Design Services, Inc. CMD236C4 Datasheet HTML 5Page - Custom MMIC Design Services, Inc. CMD236C4 Datasheet HTML 6Page - Custom MMIC Design Services, Inc. CMD236C4 Datasheet HTML 7Page - Custom MMIC Design Services, Inc. CMD236C4 Datasheet HTML 8Page - Custom MMIC Design Services, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Custom MMIC
300 Apollo Drive Chelmsford, MA 01824 Phone (978) 467-4290 Fax (978) 467-4294
Visit us online at www.custommmic.com
Specifications
Absolute Maximum Ratings
TTL/CMOS Control Voltages
Parameter
Rating
RF Input Power
+27 dBm
Control Voltage Range (A,B) +0.5V to -7.5V
Channel Temperature, Tch
150 °C
Operating Temperature
-40 to 85 °C
Storage Temperature
-55 to 150 °C
Bias Voltage (Vss)
-7V
Thermal Resistance, Θjc
64.1 °C/W
Electrical Specifications - Vctl = 0/-5 V, Vss = -5 V TA = 25
oC
State
Bias Condition
Low
-1V to 0V @ 1 mA Typ
High
-7V to -3V @ 1 uA Typ
Truth Table
Control Input
Signal Path State
A
B
RFC to:
High High
RF1
Low High
RF2
High
Low
RF3
Low
Low
RF4
High High
RF5
C
High
High
High
High
Low
Low High
Low
RF6
Low
Low
Low
All OFF *
Bias Voltage & Current
Vss (V)
Iss (Typ) (mA)
Iss (Max) (mA)
-5
9
18
Vss Range = -5.0V ± 10%
CMD236C4
DC-18 GHz SP6T Non-reflective Switch
ver 1.0 0318
Exceeding any one or combination of the maximum
ratings may cause permanent damage to the device.
Parameter
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max Units
Frequency Range
DC - 6
DC - 14
DC - 18
GHz
Insertion Loss
2.5
3
2.8
3.3
3.5
4.3
dB
Isolation
42
47
31
36
29
35
dB
Return Loss - On State
12
9
10
dB
Return Loss - Off State
12
9
8
dB
Input P0.1dB
16
16
16
dBm
Input IP3
34
34
34
dBm
Switching Speed
60
60
60
ns
* RFC is reflective in All Off state



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com