Electronic Components Datasheet Search
  English  ▼

X  

CMD240P4 Datasheet(PDF) 2 Page - Custom MMIC Design Services, Inc.

Part # CMD240P4
Description  DC-22 GHz Distributed Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMIC [Custom MMIC Design Services, Inc.]
Direct Link  https://www.custommmic.com/
Logo MMIC - Custom MMIC Design Services, Inc.

CMD240P4 Datasheet(HTML) 2 Page - Custom MMIC Design Services, Inc.

  CMD240P4 Datasheet HTML 1Page - Custom MMIC Design Services, Inc. CMD240P4 Datasheet HTML 2Page - Custom MMIC Design Services, Inc. CMD240P4 Datasheet HTML 3Page - Custom MMIC Design Services, Inc. CMD240P4 Datasheet HTML 4Page - Custom MMIC Design Services, Inc. CMD240P4 Datasheet HTML 5Page - Custom MMIC Design Services, Inc. CMD240P4 Datasheet HTML 6Page - Custom MMIC Design Services, Inc. CMD240P4 Datasheet HTML 7Page - Custom MMIC Design Services, Inc. CMD240P4 Datasheet HTML 8Page - Custom MMIC Design Services, Inc. CMD240P4 Datasheet HTML 9Page - Custom MMIC Design Services, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Custom MMIC
300 Apollo Drive Chelmsford, MA 01824 Phone (978) 467-4290 Fax (978) 467-4294
Visit us online at www.custommmic.com
Parameter
Min
Typ
Max
Units
Vdd
5.0
5.0
8.0
V
Idd
80
mA
Vgg
-0.6
V
Electrical performance is measured at specific
test conditions. Electrical specifications are not
guaranteed over all recommended operating con-
ditions.
Absolute Maximum Ratings
Recommended Operating Conditions
Electrical Specifications, Vdd = 5.0 V, Idd = 80 mA, TA = 25
oC
Specifications
Parameter
Rating
Drain Voltage, Vdd
10 V
Gate Voltage, Vgg
-2.5 to 0 V
RF Input Power
+20 dBm
Channel Temperature, Tch
150 °C
Power Dissipation, Pdiss
1.7 W
Thermal Resistance, Θ JC
38 °C/W
Operating Temperature
-40 to 85 °C
Storage Temperature
-55 to 150 °C
ver 1.3 0418
Parameter
Min
Typ
Max
Min
Typ
Max
Units
Frequency Range
DC - 22
6 - 18
GHz
Gain
12
15
12
15
dB
Noise Figure
2.5
2.2
dB
Input Return Loss
15
15
dB
Output Return Loss
13
15
dB
Output P1dB
13
18
15
19
dBm
Supply Current
55
80
105
55
80
105
mA
Gain Temperature Coefficient
0.008
0.008
dB/°C
Noise Figure Temperature
Coefficient
0.009
0.009
dB/°C
Output IP3
26
26
dBm
Output IP2
33
33
dBm
CMD240P4
DC-22 GHz Distributed Amplifier
Exceeding any one or combination of the maximum
ratings may cause permanent damage to the device.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com