Electronic Components Datasheet Search
  English  ▼

X  

CMD241 Datasheet(PDF) 1 Page - Custom MMIC Design Services, Inc.

Part # CMD241
Description  2-22 GHz Distributed Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMIC [Custom MMIC Design Services, Inc.]
Direct Link  https://www.custommmic.com/
Logo MMIC - Custom MMIC Design Services, Inc.

CMD241 Datasheet(HTML) 1 Page - Custom MMIC Design Services, Inc.

  CMD241 Datasheet HTML 1Page - Custom MMIC Design Services, Inc. CMD241 Datasheet HTML 2Page - Custom MMIC Design Services, Inc. CMD241 Datasheet HTML 3Page - Custom MMIC Design Services, Inc. CMD241 Datasheet HTML 4Page - Custom MMIC Design Services, Inc. CMD241 Datasheet HTML 5Page - Custom MMIC Design Services, Inc. CMD241 Datasheet HTML 6Page - Custom MMIC Design Services, Inc. CMD241 Datasheet HTML 7Page - Custom MMIC Design Services, Inc. CMD241 Datasheet HTML 8Page - Custom MMIC Design Services, Inc. CMD241 Datasheet HTML 9Page - Custom MMIC Design Services, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
300 Apollo Drive Chelmsford, MA 01824 Phone (978) 467-4290 Fax (978) 467-4294
Visit us online at www.custommmic.com
The
CMD241
is
wideband
GaAs
MMIC
distributed
low
noise
amplifier
die
which
operates from 2 to 22 GHz. The amplifier
delivers 14 dB of gain with a corresponding
noise figure of 2.3 dB and an output 1 dB
compression point of +21 dBm at 11 GHz. The
CMD241 is a 50 ohm matched design which
eliminates the need for external DC blocks and
RF port matching. The CMD241 offers full
passivation for increased reliability and moisture
protection.
► Ultra wideband performance
► Low noise figure
► Low current consumption
► Excellent return losses
► Small die size
Electrical Performance - Vdd = 5.0 V, Vgg = -0.65 V, TA = 25
oC, F = 11 GHz
Features
Description
Functional Block Diagram
ver 1.5 1018
Parameter
Min
Typ
Max
Units
Frequency Range
GHz
Gain
14
dB
Noise Figure
2.3
dB
Input Return Loss
20
dB
Output Return Loss
17
dB
Output P1dB
21
dBm
Supply Current
74
mA
2 - 22
Output IP3
28
dBm
CMD241
2-22 GHz Distributed Amplifier
1
2
3
4
5
6
RFIN
RFOUT
Vdd
ACG1
ACG2
Vgg


Similar Part No. - CMD241

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
CMD241 QORVO-CMD241 Datasheet
225Kb / 10P
2-22 GHz Distributed Amplifier
logo
Crydom Inc.,
CMD24110 CRYDOM-CMD24110 Datasheet
1Mb / 20P
THE GLOBAL EXPERT IN SOLID STATE RELAY TECHNOLOGY
CMD24110 CRYDOM-CMD24110 Datasheet
580Kb / 5P
Panel Mount
CMD24125 CRYDOM-CMD24125 Datasheet
1Mb / 20P
THE GLOBAL EXPERT IN SOLID STATE RELAY TECHNOLOGY
CMD24125 CRYDOM-CMD24125 Datasheet
580Kb / 5P
Panel Mount
More results

Similar Description - CMD241

ManufacturerPart #DatasheetDescription
logo
Custom MMIC Design Serv...
CMD240 MMIC-CMD240 Datasheet
232Kb / 10P
DC-22 GHz Distributed Amplifier
CMD240C4 MMIC-CMD240C4 Datasheet
268Kb / 10P
DC-22 GHz Distributed Amplifier
CMD241P4 MMIC-CMD241P4 Datasheet
269Kb / 10P
2-22 GHz Distributed Amplifier
logo
Qorvo, Inc
CMD241 QORVO-CMD241 Datasheet
225Kb / 10P
2-22 GHz Distributed Amplifier
CMD240P4 QORVO-CMD240P4 Datasheet
268Kb / 10P
DC-22 GHz Distributed Amplifier
CMD240C4 QORVO-CMD240C4 Datasheet
262Kb / 10P
DC-22 GHz Distributed Amplifier
CMD240 QORVO-CMD240 Datasheet
227Kb / 10P
DC-22 GHz Distributed Amplifier
CMD284P4 QORVO-CMD284P4 Datasheet
438Kb / 13P
DC-22 GHz Distributed Amplifier
CMD241P4 QORVO-CMD241P4 Datasheet
269Kb / 10P
2-22 GHz Distributed Amplifier
CMD284P4 QORVO-CMD284P4_V01 Datasheet
445Kb / 14P
DC-22 GHz Distributed Amplifier
December 6, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com