Electronic Components Datasheet Search
  English  ▼

X  

CMD247 Datasheet(PDF) 1 Page - Custom MMIC Design Services, Inc.

Part # CMD247
Description  30-40 GHz Low Phase Noise Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMIC [Custom MMIC Design Services, Inc.]
Direct Link  https://www.custommmic.com/
Logo MMIC - Custom MMIC Design Services, Inc.

CMD247 Datasheet(HTML) 1 Page - Custom MMIC Design Services, Inc.

  CMD247 Datasheet HTML 1Page - Custom MMIC Design Services, Inc. CMD247 Datasheet HTML 2Page - Custom MMIC Design Services, Inc. CMD247 Datasheet HTML 3Page - Custom MMIC Design Services, Inc. CMD247 Datasheet HTML 4Page - Custom MMIC Design Services, Inc. CMD247 Datasheet HTML 5Page - Custom MMIC Design Services, Inc. CMD247 Datasheet HTML 6Page - Custom MMIC Design Services, Inc. CMD247 Datasheet HTML 7Page - Custom MMIC Design Services, Inc. CMD247 Datasheet HTML 8Page - Custom MMIC Design Services, Inc. CMD247 Datasheet HTML 9Page - Custom MMIC Design Services, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Custom MMIC
300 Apollo Drive Chelmsford, MA 01824 Phone (978) 467-4290 Fax (978) 467-4294
Visit us online at www.custommmic.com
The CMD247 is a wideband GaAs MMIC low
phase noise amplifier ideally suited for mili-
tary, space and communications systems. At
35 GHz the device delivers 13 dB of gain, a
saturated output power of +15 dBm and a noise
figure of 5 dB. Also the amplifier provides low
phase noise of less then -160 dBc/Hz at 10 kHz
offset. The CMD247 is a 50 ohm matched de-
sign which eliminates the need for external DC
blocks and RF port matching. The CMD247
offers full passivation for increased reliability
and moisture protection.
► Wide bandwidth
► Low phase noise
► Low current consumption
► Small die size
Electrical Performance - Vdd = 3.0 V, Vgg = 3.0V, TA = 25
oC, F=35 GHz
Features
Description
Functional Block Diagram
Parameter
Min
Typ
Max
Units
Frequency Range
30 - 40
GHz
Gain
13
dB
Input Return Loss
11
dB
Output Return Loss
9
dB
Noise Figure
5
dB
Supply Current
28
mA
Output P1dB
13.5
dBm
Saturated Output Power
15
dBm
CMD247
CMD247
CMD247
30-40 GHz Low Phase Noise Amplifier
1
2
3
4
RFIN
RFOUT
ver 1.0 0816


Similar Part No. - CMD247

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
CMD247 QORVO-CMD247 Datasheet
261Kb / 10P
30-40 GHz Low Phase Noise Amplifier
logo
Crydom Inc.,
CMD2475 CRYDOM-CMD2475 Datasheet
1Mb / 20P
THE GLOBAL EXPERT IN SOLID STATE RELAY TECHNOLOGY
CMD2475 CRYDOM-CMD2475 Datasheet
580Kb / 5P
Panel Mount
More results

Similar Description - CMD247

ManufacturerPart #DatasheetDescription
logo
HBH Microwave GmbH
HA8003 HBH-HA8003 Datasheet
25Kb / 1P
30 - 36 GHz Low Noise Amplifier
logo
Custom MMIC Design Serv...
CMD299 MMIC-CMD299 Datasheet
255Kb / 12P
18-40 GHz Low Noise Amplifier
CMD299K4 MMIC-CMD299K4 Datasheet
290Kb / 12P
18-40 GHz Low Noise Amplifier
logo
Marki Microwave
AMM-7203 MARKIMICROWAVE-AMM-7203 Datasheet
5Mb / 15P
30 GHz ??60 GHz Low Noise Amplifier
APM-6848SM MARKIMICROWAVE-APM-6848SM Datasheet
1Mb / 14P
2-30 GHz Surface Mount Low Phase Noise Amplifier
APM-6849SM MARKIMICROWAVE-APM-6849SM Datasheet
1Mb / 13P
2-30 GHz Surface Mount Low Phase Noise Amplifier
logo
Qorvo, Inc
CMD247 QORVO-CMD247 Datasheet
261Kb / 10P
30-40 GHz Low Phase Noise Amplifier
CMD299K4 QORVO-CMD299K4 Datasheet
353Kb / 13P
18-40 GHz Low Noise Amplifier
CMD299 QORVO-CMD299 Datasheet
255Kb / 12P
18-40 GHz Low Noise Amplifier
CMD327 QORVO-CMD327 Datasheet
360Kb / 11P
DC-40 GHz Low Phase Noise Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com