Electronic Components Datasheet Search
  English  ▼

X  

CMD256 Datasheet(PDF) 1 Page - Custom MMIC Design Services, Inc.

Part # CMD256
Description  Frequency Doubler, 14-20 GHz Input
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMIC [Custom MMIC Design Services, Inc.]
Direct Link  https://www.custommmic.com/
Logo MMIC - Custom MMIC Design Services, Inc.

CMD256 Datasheet(HTML) 1 Page - Custom MMIC Design Services, Inc.

  CMD256 Datasheet HTML 1Page - Custom MMIC Design Services, Inc. CMD256 Datasheet HTML 2Page - Custom MMIC Design Services, Inc. CMD256 Datasheet HTML 3Page - Custom MMIC Design Services, Inc. CMD256 Datasheet HTML 4Page - Custom MMIC Design Services, Inc. CMD256 Datasheet HTML 5Page - Custom MMIC Design Services, Inc. CMD256 Datasheet HTML 6Page - Custom MMIC Design Services, Inc. CMD256 Datasheet HTML 7Page - Custom MMIC Design Services, Inc. CMD256 Datasheet HTML 8Page - Custom MMIC Design Services, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Custom MMIC
300 Apollo Drive Chelmsford, MA 01824 Phone (978) 467-4290 Fax (978) 467-4294
Visit us online at www.custommmic.com
The CMD256 die is a broadband MMIC GaAs
x2 passive frequency multiplier. When driven
by a +15 dBm signal, the multiplier provides 15
dB conversion loss at an output frequency of 34
GHz.
The Fo isolation is 38 dBc.
The
CMD256
is
a
50
ohm
matched
design
eliminating the need for RF port matching.
► Low conversion loss
► Excellent Fo isolation
► Broadband performance
► No bias required
► Small die size
Features
Description
Functional Block Diagram
ver 1.0 0318
CMD256
CMD256
CMD256
Frequency Doubler, 14-20 GHz Input
1
2
X2
RFIN
RFOUT
Electrical Performance - TA = 25
oC, Pin = +15 dBm, Fin = 17 GHz
Parameter
Min
Typ
Max
Units
Frequency Range, Input
14 - 20
GHz
Frequency Range, Output
28 - 40
GHz
Conversion Loss
15
dB
Fo Isolation (with respect to input level)
38
dB


Similar Part No. - CMD256

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
CMD256 QORVO-CMD256 Datasheet
182Kb / 8P
Frequency Doubler, 14-20 GHz Input
More results

Similar Description - CMD256

ManufacturerPart #DatasheetDescription
logo
Custom MMIC Design Serv...
CMD227C3 MMIC-CMD227C3 Datasheet
202Kb / 8P
Frequency Doubler, 8-15 GHz Input
CMD227 MMIC-CMD227 Datasheet
193Kb / 8P
Passive Frequency Doubler, 8-15 GHz Input
CMD226C3 MMIC-CMD226C3 Datasheet
603Kb / 8P
Frequency Doubler, 7-11 GHz Input
CMD225C3 MMIC-CMD225C3 Datasheet
211Kb / 8P
Passive Frequency Doubler, 4-8 GHz Input
logo
Qorvo, Inc
CMD227C3 QORVO-CMD227C3 Datasheet
197Kb / 8P
Frequency Doubler, 8-15 GHz Input
CMD227 QORVO-CMD227 Datasheet
187Kb / 8P
Passive Frequency Doubler, 8-15 GHz Input
CMD226C3 QORVO-CMD226C3 Datasheet
445Kb / 8P
Frequency Doubler, 7-11 GHz Input
CMD226 QORVO-CMD226 Datasheet
176Kb / 8P
Passive Frequency Doubler, 7-11 GHz Input
CMD225C3 QORVO-CMD225C3 Datasheet
205Kb / 8P
Passive Frequency Doubler, 4-8 GHz Input
CMD256 QORVO-CMD256 Datasheet
182Kb / 8P
Frequency Doubler, 14-20 GHz Input
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com