Electronic Components Datasheet Search
  English  ▼

X  

CMD258C4 Datasheet(PDF) 2 Page - Custom MMIC Design Services, Inc.

Part # CMD258C4
Description  7.5-13 GHz High IP3 I/Q Mixer
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMIC [Custom MMIC Design Services, Inc.]
Direct Link  https://www.custommmic.com/
Logo MMIC - Custom MMIC Design Services, Inc.

CMD258C4 Datasheet(HTML) 2 Page - Custom MMIC Design Services, Inc.

  CMD258C4 Datasheet HTML 1Page - Custom MMIC Design Services, Inc. CMD258C4 Datasheet HTML 2Page - Custom MMIC Design Services, Inc. CMD258C4 Datasheet HTML 3Page - Custom MMIC Design Services, Inc. CMD258C4 Datasheet HTML 4Page - Custom MMIC Design Services, Inc. CMD258C4 Datasheet HTML 5Page - Custom MMIC Design Services, Inc. CMD258C4 Datasheet HTML 6Page - Custom MMIC Design Services, Inc. CMD258C4 Datasheet HTML 7Page - Custom MMIC Design Services, Inc. CMD258C4 Datasheet HTML 8Page - Custom MMIC Design Services, Inc. CMD258C4 Datasheet HTML 9Page - Custom MMIC Design Services, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Custom MMIC
300 Apollo Drive Chelmsford, MA 01824 Phone (978) 467-4290 Fax (978) 467-4294
Visit us online at www.custommmic.com
CMD258C4
CMD258C4
CMD258C4
7.5-13 GHz High IP3 I/Q Mixer
Specifications
Absolute Maximum Ratings
Electrical Specifications - IF = 100 MHz, LO = +21 dBm, TA = 25
oC
Parameter
Rating
RF / IF Input Power
+27 dBm
LO Drive
+27 dBm
Operating Temperature
-40 to 85 °C
Storage Temperature
-55 to 150 °C
Thermal Resistance, ΘJC
135.5 °C/W
ver 1.0 1017
Parameter
Min
Typ
Max
Min
Typ
Max
Units
Frequency Range, RF & LO
9 - 11
7.5 - 13
GHz
Frequency Range, IF
DC
3.5
DC
3.5
GHz
Conversion Loss (as IRM)
5.5
7.5
7
10
dB
Image Rejection
23
28
23
30
dB
LO to RF Isolation
34
38
34
42
dB
LO to IF Isolation
15
19
14
20
dB
Input P1dB
15
16
dBm
Input IP3
24
24
dBm
Unless otherwise noted, all measurements performed as a downconverter, IF = 100 MHz
Exceeding any one or combination of the maximum
ratings may cause permanent damage to the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com