Electronic Components Datasheet Search
  English  ▼

X  

CMD263P3 Datasheet(PDF) 1 Page - Custom MMIC Design Services, Inc.

Part # CMD263P3
Description  5-11 GHz Low Noise Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMIC [Custom MMIC Design Services, Inc.]
Direct Link  https://www.custommmic.com/
Logo MMIC - Custom MMIC Design Services, Inc.

CMD263P3 Datasheet(HTML) 1 Page - Custom MMIC Design Services, Inc.

  CMD263P3 Datasheet HTML 1Page - Custom MMIC Design Services, Inc. CMD263P3 Datasheet HTML 2Page - Custom MMIC Design Services, Inc. CMD263P3 Datasheet HTML 3Page - Custom MMIC Design Services, Inc. CMD263P3 Datasheet HTML 4Page - Custom MMIC Design Services, Inc. CMD263P3 Datasheet HTML 5Page - Custom MMIC Design Services, Inc. CMD263P3 Datasheet HTML 6Page - Custom MMIC Design Services, Inc. CMD263P3 Datasheet HTML 7Page - Custom MMIC Design Services, Inc. CMD263P3 Datasheet HTML 8Page - Custom MMIC Design Services, Inc. CMD263P3 Datasheet HTML 9Page - Custom MMIC Design Services, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Custom MMIC
300 Apollo Drive Chelmsford, MA 01824 Phone (978) 467-4290 Fax (978) 467-4294
Visit us online at www.custommmic.com
The CMD263P3 is a broadband MMIC low
noise amplifier housed in a leadless 3x3 mm
plastic surface mount QFN package. The
CMD263P3 is ideally suited for microwave
radios and C and X-band applications where
small size and low power consumption are
needed. The broadband device delivers greater
than 22 dB of gain with a corresponding output
1 dB compression point of +11 dBm and a
noise figure of 1.4 dB. The CMD263P3 is a 50
ohm matched design eliminating the need for
external DC blocks and RF port matching.
► Ultra low noise figure
► Low current consumption
► High gain broadband performance
► Single supply voltage: +3.6 V @ 32 mA
► Pb-free RoHs compliant 3x3 QFN package
Electrical Performance - Vdd = 3.6 V, TA = 25
oC, F = 8 GHz
Parameter
Min
Typ
Max
Units
Frequency Range
GHz
Gain
22
dB
Noise Figure
1.4
dB
Input Return Loss
17
dB
Output Return Loss
13
dB
Output P1dB
11
dBm
Supply Current
32
mA
5 - 11
Features
Description
Functional Block Diagram
ver 1.2 0519
CMD263P3
5-11 GHz Low Noise Amplifier


Similar Part No. - CMD263P3

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
CMD263P3 QORVO-CMD263P3 Datasheet
355Kb / 11P
5-11 GHz Low Noise Amplifier
November 4, 2021
More results

Similar Description - CMD263P3

ManufacturerPart #DatasheetDescription
logo
Custom MMIC Design Serv...
CMD132 MMIC-CMD132 Datasheet
205Kb / 9P
5-11 GHz Low Noise Amplifier
CMD132P3 MMIC-CMD132P3 Datasheet
257Kb / 9P
5-11 GHz Low Noise Amplifier
CMD186P3 MMIC-CMD186P3 Datasheet
244Kb / 10P
6-11 GHz Low Noise Amplifier
CMD229P4 MMIC-CMD229P4 Datasheet
249Kb / 10P
5-11 GHz Low Noise Amplifier
CMD263 MMIC-CMD263 Datasheet
428Kb / 10P
5-11 GHz Low Noise Amplifier
CMD309P4 MMIC-CMD309P4 Datasheet
248Kb / 12P
5-11 GHz Low Noise Amplifier
logo
Qorvo, Inc
CMD271P3 QORVO-CMD271P3 Datasheet
251Kb / 12P
6-11 GHz Low Noise Amplifier
CMD309P4 QORVO-CMD309P4 Datasheet
372Kb / 13P
5-11 GHz Low Noise Amplifier
CMD263 QORVO-CMD263 Datasheet
428Kb / 10P
5-11 GHz Low Noise Amplifier
CMD263P3 QORVO-CMD263P3 Datasheet
355Kb / 11P
5-11 GHz Low Noise Amplifier
November 4, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com