Electronic Components Datasheet Search
  English  ▼

X  

CMD270 Datasheet(PDF) 1 Page - Custom MMIC Design Services, Inc.

Part # CMD270
Description  4-8 GHz Low Noise Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMIC [Custom MMIC Design Services, Inc.]
Direct Link  https://www.custommmic.com/
Logo MMIC - Custom MMIC Design Services, Inc.

CMD270 Datasheet(HTML) 1 Page - Custom MMIC Design Services, Inc.

  CMD270 Datasheet HTML 1Page - Custom MMIC Design Services, Inc. CMD270 Datasheet HTML 2Page - Custom MMIC Design Services, Inc. CMD270 Datasheet HTML 3Page - Custom MMIC Design Services, Inc. CMD270 Datasheet HTML 4Page - Custom MMIC Design Services, Inc. CMD270 Datasheet HTML 5Page - Custom MMIC Design Services, Inc. CMD270 Datasheet HTML 6Page - Custom MMIC Design Services, Inc. CMD270 Datasheet HTML 7Page - Custom MMIC Design Services, Inc. CMD270 Datasheet HTML 8Page - Custom MMIC Design Services, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Custom MMIC
300 Apollo Drive Chelmsford, MA 01824 Phone (978) 467-4290 Fax (978) 467-4294
Visit us online at www.custommmic.com
The CMD270 is a broadband MMIC low
noise amplifier ideally suited for EW and
communications systems where small size and
low power consumption are needed. The
broadband device delivers greater than 15 dB
of gain with a corresponding output 1 dB
compression point of +17 dBm and a noise
figure of 1.8 dB. The CMD270 is a 50 ohm
matched design eliminating the need for
external DC blocks and RF port matching.
The CMD270 offers full passivation for
increased reliability and moisture protection.
► Ultra low noise figure
► High gain broadband performance
► Single supply voltage: +4.0 V @ 60 mA
► Small die size
Electrical Performance - Vdd = 4.0 V, TA = 25
oC, F = 6 GHz
Features
Description
Functional Block Diagram
Parameter
Min
Typ
Max
Units
Frequency Range
GHz
Gain
15.5
dB
Noise Figure
1.8
dB
Input Return Loss
16
dB
Output Return Loss
10
dB
Output P1dB
17
dBm
Supply Current
60
mA
4 - 8
ver 1.0 0817
CMD270
4-8 GHz Low Noise Amplifier
1
3
2
RFIN
RFOUT
Vdd


Similar Part No. - CMD270

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
CMD270 QORVO-CMD270 Datasheet
237Kb / 8P
4-8 GHz Low Noise Amplifier
logo
Custom MMIC Design Serv...
CMD270P3 MMIC-CMD270P3 Datasheet
231Kb / 9P
4-8 GHz Low Noise Amplifier
logo
Qorvo, Inc
CMD270P3 QORVO-CMD270P3 Datasheet
280Kb / 10P
4-8 GHz Low Noise Amplifier
November 4, 2021
More results

Similar Description - CMD270

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
TLA-8-2013 TELEDYNE-TLA-8-2013 Datasheet
892Kb / 2P
Low Noise Amplifier 2 GHz - 8 GHz
TLA-8-2014 TELEDYNE-TLA-8-2014 Datasheet
890Kb / 2P
Low Noise Amplifier 2 GHz - 8 GHz
TLA-8-2015 TELEDYNE-TLA-8-2015 Datasheet
890Kb / 2P
Low Noise Amplifier 2 GHz - 8 GHz
logo
Pasternack Enterprises,...
PE1522 PASTERNACK-PE1522 Datasheet
202Kb / 2P
Low Noise Amplifier 4 ??8 GHz
logo
Custom MMIC Design Serv...
CMD185P3 MMIC-CMD185P3 Datasheet
235Kb / 10P
4-8 GHz Low Noise Amplifier
CMD219C4 MMIC-CMD219C4 Datasheet
248Kb / 12P
4-8 GHz GaN Low Noise Amplifier
CMD219 MMIC-CMD219 Datasheet
224Kb / 12P
4-8 GHz GaN Low Noise Amplifier
CMD270P3 MMIC-CMD270P3 Datasheet
231Kb / 9P
4-8 GHz Low Noise Amplifier
logo
Qorvo, Inc
CMD270P3 QORVO-CMD270P3 Datasheet
280Kb / 10P
4-8 GHz Low Noise Amplifier
November 4, 2021
CMD270 QORVO-CMD270 Datasheet
237Kb / 8P
4-8 GHz Low Noise Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com