Electronic Components Datasheet Search
  English  ▼

X  

CMD274 Datasheet(PDF) 1 Page - Custom MMIC Design Services, Inc.

Part # CMD274
Description  2-20 GHz Low Phase Noise Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMIC [Custom MMIC Design Services, Inc.]
Direct Link  https://www.custommmic.com/
Logo MMIC - Custom MMIC Design Services, Inc.

CMD274 Datasheet(HTML) 1 Page - Custom MMIC Design Services, Inc.

  CMD274 Datasheet HTML 1Page - Custom MMIC Design Services, Inc. CMD274 Datasheet HTML 2Page - Custom MMIC Design Services, Inc. CMD274 Datasheet HTML 3Page - Custom MMIC Design Services, Inc. CMD274 Datasheet HTML 4Page - Custom MMIC Design Services, Inc. CMD274 Datasheet HTML 5Page - Custom MMIC Design Services, Inc. CMD274 Datasheet HTML 6Page - Custom MMIC Design Services, Inc. CMD274 Datasheet HTML 7Page - Custom MMIC Design Services, Inc. CMD274 Datasheet HTML 8Page - Custom MMIC Design Services, Inc. CMD274 Datasheet HTML 9Page - Custom MMIC Design Services, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Custom MMIC
300 Apollo Drive Chelmsford, MA 01824 Phone (978) 467-4290 Fax (978) 467-4294
Visit us online at www.custommmic.com
The CMD274 is a wideband GaAs MMIC low
phase noise amplifier die that is ideally suited
for
military,
space
and
communications
systems. At 10 GHz the device delivers 17 dB
of gain, a saturated output power of +22 dBm
and a noise figure of 3.2 dB. Also with an input
signal of 10 GHz the amplifier provides low
phase noise performance of -165 dBc/Hz at 10
kHz offset. The CMD274 is a 50 ohm matched
design which eliminates the need for external
DC blocks and RF port matching.
► Ultra wideband performance
► Low phase noise
► Low current consumption
► Small die size
Electrical Performance – Vdd = 5.0 V, Vgg = 3.0 V, TA = 25
oC, F = 10 GHz
Features
Description
Functional Block Diagram
Parameter
Min
Typ
Max
Units
Frequency Range
2 – 20
GHz
Gain
17
dB
Input Return Loss
12
dB
Output Return Loss
13
dB
Noise Figure
3.2
dB
Output P1dB
19
dBm
Saturated Output Power
22
dBm
Phase Noise @ 10 kHz Offset
-165
dBc/Hz
Supply Current
86
mA
CMD274
2-20 GHz Low Phase Noise Amplifier
ver 1.0 0918
RFIN
RFOUT
Vdd
Vgg


Similar Part No. - CMD274

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
CMD274 QORVO-CMD274 Datasheet
296Kb / 10P
2-20 GHz Low Phase Noise Amplifier
logo
Custom MMIC Design Serv...
CMD274P4 MMIC-CMD274P4 Datasheet
266Kb / 10P
2-20 GHz Low Phase Noise Amplifier
logo
Qorvo, Inc
CMD274P4 QORVO-CMD274P4 Datasheet
266Kb / 10P
2-20 GHz Low Phase Noise Amplifier
More results

Similar Description - CMD274

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA8310-SCC TRIQUINT-TGA8310-SCC_15 Datasheet
404Kb / 14P
2 - 20 GHz Low Noise Amplifier
QPM1000 TRIQUINT-QPM1000 Datasheet
1Mb / 11P
2 -20 GHz Limiter/Low-Noise Amplifier
logo
Custom MMIC Design Serv...
CMD233 MMIC-CMD233 Datasheet
280Kb / 12P
2-20 GHz Distributed Low Noise Amplifier
CMD233C4 MMIC-CMD233C4 Datasheet
312Kb / 12P
2-20 GHz Distributed Low Noise Amplifier
CMD274P4 MMIC-CMD274P4 Datasheet
266Kb / 10P
2-20 GHz Low Phase Noise Amplifier
logo
Marki Microwave
APM-7099 MARKIMICROWAVE-APM-7099 Datasheet
1Mb / 15P
0.01GHz ??20 GHz Low Phase Noise Amplifier
logo
Qorvo, Inc
CMD233C4 QORVO-CMD233C4 Datasheet
306Kb / 12P
2-20 GHz Distributed Low Noise Amplifier
CMD274P4 QORVO-CMD274P4 Datasheet
266Kb / 10P
2-20 GHz Low Phase Noise Amplifier
CMD274 QORVO-CMD274 Datasheet
296Kb / 10P
2-20 GHz Low Phase Noise Amplifier
CMD233 QORVO-CMD233 Datasheet
280Kb / 12P
2-20 GHz Distributed Low Noise Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com