Electronic Components Datasheet Search
  English  ▼

X  

CMD274P4 Datasheet(PDF) 2 Page - Custom MMIC Design Services, Inc.

Part # CMD274P4
Description  2-20 GHz Low Phase Noise Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMIC [Custom MMIC Design Services, Inc.]
Direct Link  https://www.custommmic.com/
Logo MMIC - Custom MMIC Design Services, Inc.

CMD274P4 Datasheet(HTML) 2 Page - Custom MMIC Design Services, Inc.

  CMD274P4 Datasheet HTML 1Page - Custom MMIC Design Services, Inc. CMD274P4 Datasheet HTML 2Page - Custom MMIC Design Services, Inc. CMD274P4 Datasheet HTML 3Page - Custom MMIC Design Services, Inc. CMD274P4 Datasheet HTML 4Page - Custom MMIC Design Services, Inc. CMD274P4 Datasheet HTML 5Page - Custom MMIC Design Services, Inc. CMD274P4 Datasheet HTML 6Page - Custom MMIC Design Services, Inc. CMD274P4 Datasheet HTML 7Page - Custom MMIC Design Services, Inc. CMD274P4 Datasheet HTML 8Page - Custom MMIC Design Services, Inc. CMD274P4 Datasheet HTML 9Page - Custom MMIC Design Services, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Custom MMIC
300 Apollo Drive Chelmsford, MA 01824 Phone (978) 467-4290 Fax (978) 467-4294
Visit us online at www.custommmic.com
CMD274P4
2-20 GHz Low Phase Noise Amplifier
ver 1.2 0418
Parameter
Min
Typ
Max
Units
Vdd
4.0
5.0
7.0
V
Idd
86
mA
Vgg
2.0
3.0
3.3
V
Igg
5
mA
Electrical performance is measured at specific
test conditions. Electrical specifications are not
guaranteed over all recommended operating con-
ditions.
Absolute Maximum Ratings
Recommended Operating Conditions
Electrical Specifications – Vdd = 5.0 V, Vgg = 3.0 V, TA = 25
oC
Specifications
Parameter
Rating
Drain Voltage, Vdd
7.5 V
RF Input Power
+10 dBm
Channel Temperature, Tch
150 °C
Power Dissipation, Pdiss
495 mW
Thermal Resistance, Θ JC
131 °C/W
Operating Temperature
-40 to 85 °C
Storage Temperature
-55 to 150 °C
Gate Voltage, Vgg
3.5 V
Parameter
Min
Typ
Max
Min
Typ
Max
Units
Frequency Range
2 – 10
10 – 20
GHz
Gain
14
17.5
14
17.5
dB
Noise Figure
6
3.5
dB
Input Return Loss
12
12
dB
Output Return Loss
13
12
dB
Output P1dB
16.5
19.5
13
17
dBm
Output IP3
30.5
29.5
dBm
Supply Current
60
86
115
60
86
115
mA
Saturated Output Power
22
21
dBm
Phase Noise @ 10 kHz Offset
-165
-165
dBc/Hz
Exceeding any one or combination of the maximum
ratings may cause permanent damage to the device.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com