Electronic Components Datasheet Search
  English  ▼

X  

RC5000 Datasheet(PDF) 1 Page - Soshin electric Co., Ltd.

Part # RC5000
Description  Ferrite core with metal fitting for installation
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOSHIN [Soshin electric Co., Ltd.]
Direct Link  http://www.soshin-ele.com/
Logo SOSHIN - Soshin electric Co., Ltd.

RC5000 Datasheet(HTML) 1 Page - Soshin electric Co., Ltd.

  RC5000 Datasheet HTML 1Page - Soshin electric Co., Ltd. RC5000 Datasheet HTML 2Page - Soshin electric Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RC5000 Series
Ferrite core with metal fitting for installation
Applications
Specifications
A
B
C
D
E
F
G
H
RC5047
6.86-10.94
>=3.11
54
49
75
90
16
dia.5
R2.5 L10
dia.25
RC5060
6.02-9.60
>=1.50
67
62
95
115
19
dia.5
R2.5 L10
dia.38
RC5078
7.53-11.30
>=1.30
85
80
130
150
23
dia.7
R3.5 L14
dia.48
RC5096
4.71-7.07
>=1.30
103
98
140
160
25
dia.7
R3.5 L14
dia.72
RC5128
>=5.20
>=1.30
138
130
160
180
34
dia.7
R3.5 L14
dia.99
RC5200
>=7.70
-
220
-
220
241
48
R3.5 L15
R3.5 L15
dia.148
Dimensions
Signal line, switching power supply, inverter etc.
Measurement temperature 23+
⁄
-2Deg.C
Dimension(mm)
Note:Mesured by YHP manufactured multi-frequency LCR meter 4284A the equivalent meter.
Condition for the mesurement f=100KHz,500KHz 1T 10mA through.
Type
100KHz(uH)
500KHz(uH)


Similar Part No. - RC5000

ManufacturerPart #DatasheetDescription
logo
Soshin electric Co., Lt...
RC5000Y SOSHIN-RC5000Y Datasheet
79Kb / 1P
High permeability Ring core
RC5000ZZ SOSHIN-RC5000ZZ Datasheet
135Kb / 3P
Ferrite core with metal fitting for installation
More results

Similar Description - RC5000

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDEIR6D31F SUMIDA-CDEIR6D31F_11 Datasheet
134Kb / 4P
Ferrite core construction.
CDEP85 SUMIDA-CDEP85_11 Datasheet
185Kb / 6P
Ferrite core construction.
logo
TDK Electronics
ZCAT2035-0930A-BK TDK-ZCAT2035-0930A-BK Datasheet
369Kb / 5P
Clamp Filters (Ferrite Core with Case) For cable
ZCAT08V-BK TDK-ZCAT08V-BK Datasheet
101Kb / 7P
Clamp Filters (Ferrite Core with Case) For automobile ECU
ZCAT10D TDK-ZCAT10D Datasheet
151Kb / 13P
Clamp Filters (Ferrite Core with Case)
logo
Johanson Technology Inc...
NFC1AT80A01N8 JOHANSON-NFC1AT80A01N8 Datasheet
511Kb / 5P
NFC antenna with ferrite shielding feature for over-metal
logo
Laird Tech Smart Techno...
CMX1616Z401B-10 LSTD-CMX1616Z401B-10 Datasheet
148Kb / 1P
FERRITE CORE
logo
TDK Electronics
B66482G0000X608 TDK-B66482G0000X608 Datasheet
356Kb / 5P
Ferrite core
logo
Soshin electric Co., Lt...
RC5000ZZ SOSHIN-RC5000ZZ Datasheet
135Kb / 3P
Ferrite core with metal fitting for installation
RC9129ZZ SOSHIN-RC9129ZZ Datasheet
183Kb / 2P
Ferrite core with U-shape metal fitting for installation
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com