Electronic Components Datasheet Search
  English  ▼

X  

SF2000A-AS Datasheet(PDF) 1 Page - Soshin electric Co., Ltd.

Part # SF2000A-AS
Description  Single-phase 2-line 250VAC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOSHIN [Soshin electric Co., Ltd.]
Direct Link  http://www.soshin-ele.com/
Logo SOSHIN - Soshin electric Co., Ltd.

SF2000A-AS Datasheet(HTML) 1 Page - Soshin electric Co., Ltd.

  SF2000A-AS Datasheet HTML 1Page - Soshin electric Co., Ltd. SF2000A-AS Datasheet HTML 2Page - Soshin electric Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SF2000A-AS Series
(
(
(
(
RoHS Compliant
)
)
)
)
Single-phase 2-line 250VAC
Common Mode Wide band & High attenuation
Superior RF characteristics with feed-through tube
output
Applications
For the power supply in EMC Anechoic, Shielded Chamber
Specifications
Specifications
Specifications
Specifications
A
B
C
D
E
F
G
H
J
K
L
SF2010A-AS
10A
155mA
5.3kg 475 100 75 460 60
35 CTC25 500 M4
AWG12
φ
28.5
SF2020A-AS
20A
155mA
5.3kg 475 100 75 460 60
35 CTC25 500 M4
AWG12
φ
28.5
SF2030A-AS
30A
155mA
5.5kg 475 100 75 460 60
35 CTC25 500 M5
AWG10
φ
28.5
SF2040A-AS
40A
500mA
8.6kg 480 130 105 465 45
45 CTC39 500 M6
AWG8
φ
28.5
SF2050A-AS
50A
500mA
8.8kg 480 130 105 465 45
45 CTC39 500 M6
AWG6
φ
28.5
SF2060A-AS
60A
500mA
9.0kg 480 130 105 465 45
45 CTC39 500 M6
AWG6
φ
28.5
SF2100A-AS
100A
500mA
16.5kg 640 180 125 625 70
45 CTC39 500 M10 MLFC38
㎟
φ
35
Rated Voltage
Leakage Current
Ambient temp.
fig. 1
-20 up to 50 Deg. C
Dimensions [mm]
Part No.
Rated
Current
Leakage
Current
Weight
(Please use Insulation Transformer together)
250VAC max


Similar Part No. - SF2000A-AS

ManufacturerPart #DatasheetDescription
logo
ML Accessories Limited....
SF2000AT KNIGHTSBRIDGE-SF2000AT Datasheet
197Kb / 1P
10AX 1G 2-way Switch - Anthracite
28/03/2024
More results

Similar Description - SF2000A-AS

ManufacturerPart #DatasheetDescription
logo
Soshin electric Co., Lt...
HF2000A-UP SOSHIN-HF2000A-UP Datasheet
192Kb / 5P
Single-phase 2-line 250VAC
HF3000A-TMA SOSHIN-HF3000A-TMA Datasheet
193Kb / 4P
3-phase 3-line 250VAC
HF3000A-UN SOSHIN-HF3000A-UN Datasheet
233Kb / 4P
3-phase 3-line 250VAC
NF2000A-RQ SOSHIN-NF2000A-RQ Datasheet
141Kb / 3P
Single-phase 2-line 250VAC
NF2000A-SUM SOSHIN-NF2000A-SUM Datasheet
191Kb / 3P
Single-phase 2-line 250VAC
NF3000A-SLC SOSHIN-NF3000A-SLC Datasheet
405Kb / 3P
3-phase 3-line 250VAC
NF3000A-VZ SOSHIN-NF3000A-VZ Datasheet
269Kb / 4P
3-phase 3-line 250VAC
NF3000A-VZF SOSHIN-NF3000A-VZF Datasheet
219Kb / 3P
3-phase 3-line 250VAC
NF3000A-YXS SOSHIN-NF3000A-YXS Datasheet
653Kb / 5P
3-phase 3-line 250VAC
SF3000A-AS SOSHIN-SF3000A-AS Datasheet
91Kb / 2P
3-phase 3-line 250VAC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com