Electronic Components Datasheet Search
  English  ▼

X  

CAT3606 Datasheet(PDF) 4 Page - Catalyst Semiconductor

Part # CAT3606
Description  6-Channel Low Noise Charge Pump White LED Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT3606 Datasheet(HTML) 4 Page - Catalyst Semiconductor

  CAT3606 Datasheet HTML 1Page - Catalyst Semiconductor CAT3606 Datasheet HTML 2Page - Catalyst Semiconductor CAT3606 Datasheet HTML 3Page - Catalyst Semiconductor CAT3606 Datasheet HTML 4Page - Catalyst Semiconductor CAT3606 Datasheet HTML 5Page - Catalyst Semiconductor CAT3606 Datasheet HTML 6Page - Catalyst Semiconductor CAT3606 Datasheet HTML 7Page - Catalyst Semiconductor CAT3606 Datasheet HTML 8Page - Catalyst Semiconductor CAT3606 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
CAT3606
4
Doc. No. 5009, Rev. B
© 2005 by Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
BLOCK DIAGRAM
BASIC OPERATION
At power-up, the CAT3606 starts operation in 1x
mode. If it is able to drive the programmed LED
current, it continues in 1x mode. If the battery
voltage drops to a level where the LED current
cannot be met, the driver automatically switches
into 1.5x mode, to boost the output voltage high
enough to achieve the nominal LED current.
The above sequence is reinitialized each and every
time the chip is powered up or is taken out of
shutdown mode (via EN pin). The use of the Main
and Sub display enable pins (
ENM or ENS) does
not affect the mode of operation.
Figure 1: CAT3606 Functional Block Diagram
LED CURRENT SETTING
The LED current is set by the external resistor RSET
connected between the RSET pin and ground.
Table 1 lists various LED currents and the associ-
ated RSET resistor value for standard 1% precision
surface mount resistors.
)
A
m
(
t
n
e
r
r
u
C
D
E
LR
T
E
S
k
(
Ω
Ω
Ω
Ω
Ω)
19
4
6
27
8
2
52
0
1
0
19
.
9
4
5
14
.
2
3
0
27
.
3
2
0
34
.
5
1
Table 1. RSET Resistor Selection
1.2V
Reference
1MHz
Oscillator
Mode Control
1x mode (LDO)
1.5x Charge Pump
VIN
CIN
+
-
3
≤VIN≤4.2V
Battery
EN
RSET
ENM
ENS
LED1
LED2
LED3
LED4
LED5
LED6
LED Output
Selection
6 Current
Sink Regulators
COUT
20mA
VOUT
C1-
C2-
C1+
C2+
Sub
Main
GND
Current
Setting



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com