Electronic Components Datasheet Search
  English  ▼

X  

TFP412 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # TFP412
Description  RAPID RESPONSE Series LFII Residential Sprinklers 4.4 K-factor Horizontal Sidewall Wet Pipe Systems
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TFP412 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  TFP412 Datasheet HTML 1Page - List of Unclassifed Manufacturers TFP412 Datasheet HTML 2Page - List of Unclassifed Manufacturers TFP412 Datasheet HTML 3Page - List of Unclassifed Manufacturers TFP412 Datasheet HTML 4Page - List of Unclassifed Manufacturers TFP412 Datasheet HTML 5Page - List of Unclassifed Manufacturers TFP412 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TFP412
Page 3 of 6
Technical
Data
Approvals
UL and C-UL Listed
Certified to all requirements of
NSF/ANSI 61
Note: Sprinklers with a polyester finish
are UL Listed as corrosion-resistant
sprinklers.
See the Design Criteria section for details
on these approvals.
Maximum Working Pressure
Maximum 175 psi (12,1 bar)
Discharge Coefficient
K= 4.4 GPM/psi½ (63,4 LPM/bar½)
Temperature Rating
155°F (68°C) or 175°F (79°C)
Finishes
Natural Brass, Signal White Polyester
Coated, or Chrome Plated
Physical Characteristics
Frame . . . . . . . . . . . . . . . . . . . . . . . . . . . . .Brass
Button . . . . . . . . . . . . . . . . . . . . . . . . . . . .Bronze
Sealing Assembly . Beryllium Nickel w/ TEFLON
Bulb . . . . . . . . . . . . . . . . . . . . . . . . . .3 mm Glass
Compression Screw . . . . . . . . . . . . . . . . .Bronze
Deflector . . . . . . . . . . . . . . . . . . . . . . . . . Copper
Operation
The glass bulb contains a fluid that
expands when exposed to heat. When
the rated temperature is reached, the
fluid expands sufficiently to shatter the
glass bulb allowing the sprinkler to acti-
vate and flow water.
Design
Criteria
The TYCO RAPID RESPONSE Series
LFII (TY2334) Residential Horizontal
Sidewall Sprinklers are UL and C-UL
Listed for installation in accordance
with this section.
Residential Sprinkler Design Guide
When conditions exist that are outside
the scope of the provided criteria, refer
to the Residential Sprinkler Design
Guide TFP490 for the manufactur-
er’s recommendations that may be
acceptable to the local authority having
jurisdiction.
System Type
Only wet pipe systems may be utilized.
Ceiling Type
Smooth flat horizontal, or beamed, or
sloped, in accordance with the 2013
Edition of NFPA 13D, 13R, or 13 as
applicable.
Hydraulic Design
(NFPA 13D and 13R)
For systems designed to NFPA 13D or
NFPA 13R, the minimum required sprin-
kler flow rate are given in Table A as a
function of temperature rating and the
maximum allowable coverage areas.
The sprinkler flow rate is the minimum
required discharge from each of the
total number of design sprinklers as
specified in NFPA 13D or NFPA 13R.
Hydraulic Design
(NFPA 13)
For systems designed to NFPA 13, the
number of design sprinklers is to be
the four most hydraulically demanding
sprinklers. The minimum required dis-
charge from each of the four sprinklers
is to be the greater of the following:
• The flow rates given in Table A as a
function of temperature rating and
the maximum allowable coverage
area.
• A minimum discharge of 0.1 gpm/ft2
over the “design area” comprised of
the four most hydraulically demand-
ing sprinklers for the actual cover-
age areas being protected by the
four sprinklers.
Obstruction to Water Distribution
Sprinklers are to be located in accor-
dance with the obstruction rules of
NFPA 13D, 13R, and 13 as applicable
for residential sprinklers as well as with
the obstruction criteria described within
the Technical Data Sheet TFP490.
Operational Sensitivity
The sprinklers are to be installed with
an end of defector-boss to wall dis-
tance of 1-1/8 in. to 6 in.
In addition the top-of-deflector-to-
ceiling distance is to be within the
range (see Table A) being hydraulically
calculated.
Sprinkler Spacing
The minimum spacing between sprin-
klers is 8 ft (2,4 m). The maximum
spacing between sprinklers cannot
exceed the width of the coverage area
(see Table A) being hydraulically calcu-
lated (for example, maximum 12 ft for a
12 ft x 12 ft coverage area, or 16 ft for a
16 ft x 20 ft coverage area).
Installation
The TYCO RAPID RESPONSE Series
LFII (TY2334) Residential Horizontal
Sidewall Sprinklers must be installed
in accordance with this section.
General Instructions
Do not install any bulb-type sprinkler
if the bulb is cracked or there is a loss
of liquid from the bulb. With the sprin-
kler held horizontally, a small air bubble
should be present. The diameter of the
air bubble is approximately 1/16 in.
(1,6 mm).
A leak-tight 1/2 in. NPT sprinkler joint
should be obtained by applying a
minimum to maximum torque of 7 to
14 lb-ft (9,5 to 19,0 N
∙m). Higher levels
of torque can distort the sprinkler Inlet
with consequent leakage or impairment
of the sprinkler.
Do not attempt to compensate for
insufficient adjustment in the sprinkler
by under- or over-tightening the sprin-
kler. Re-adjust the position of the sprin-
kler fitting to suit.
Series LFII Residential Horizontal
Sidewall Sprinklers
The Series LFII Horizontal Sidewall
Sprinklers must be installed in accor-
dance with the following instructions.
Step 1. Horizontal sidewall sprinklers
are to be installed in the horizontal
position with their centerline of water-
way perpendicular to the back wall and
parallel to the ceiling. The word “TOP”
on the Deflector is to face towards
the ceiling with the front edge of the
Deflector parallel to the ceiling.
Step 2. With pipe thread sealant
applied to the pipe threads, hand
tighten the sprinkler into the sprinkler
fitting.
Step 3. Tighten the sprinkler into
the sprinkler fitting using only the
W-Type 6 Sprinkler Wrench (see Fig-
ure 3). With reference to Figure 1, the
W-Type 6 Sprinkler Wrench is to be
applied to the wrench flats.
Series LFII Residential Recessed
Horizontal Sidewall Sprinklers
The Series LFII Recessed Horizontal
Sidewall Sprinklers must be installed
in accordance with the following
instructions.
Step A. Recessed horizontal sidewall
sprinklers are to be installed in the hor-
izontal position with their centerline of
waterway perpendicular to the back
wall and parallel to the ceiling. The
word “TOP” on the Deflector is to face
towards the ceiling.
Step B. After installing the Style 20
Mounting Plate over the sprinkler
threads and with pipe thread seal-
ant applied to the pipe threads, hand



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com