Electronic Components Datasheet Search
  English  ▼

X  

TMDP0200 Datasheet(PDF) 13 Page - TEKTRONIX, INC.

Part # TMDP0200
Description  Digital Phosphor Oscilloscopes
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

TMDP0200 Datasheet(HTML) 13 Page - TEKTRONIX, INC.

Back Button TMDP0200 Datasheet HTML 9Page - TEKTRONIX, INC. TMDP0200 Datasheet HTML 10Page - TEKTRONIX, INC. TMDP0200 Datasheet HTML 11Page - TEKTRONIX, INC. TMDP0200 Datasheet HTML 12Page - TEKTRONIX, INC. TMDP0200 Datasheet HTML 13Page - TEKTRONIX, INC. TMDP0200 Datasheet HTML 14Page - TEKTRONIX, INC. TMDP0200 Datasheet HTML 15Page - TEKTRONIX, INC. TMDP0200 Datasheet HTML 16Page - TEKTRONIX, INC. TMDP0200 Datasheet HTML 17Page - TEKTRONIX, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
Timebase stability (aperture
uncertainty), typical
<1 psRMS (<2 psPeak) for record duration <10 μs (typical)
<2.5 psRMS for record duration <30 ms
<65 parts/trillion for record durations <10 s
Time base accuracy
±2.5 ppm + aging <1 ppm per year
Acquisition system
Acquisition modes
Sample
Acquires and displays sampled values
Peak detect
Captures and displays narrow glitches at all real-time sampling rates. Glitch widths: 1 ns at ≤10 GS/s
Averaging
From 2 to 10,000 waveforms can be included in an average waveform
Envelope
From 1 to 2×109 waveforms included in min-max envelope
Hi-Res
Real-time boxcar averaging reduces random noise and increases resolution
Roll mode
Scrolls sequential waveform points across the display in a right-to-left rolling motion at sweep speeds slower than 50 ms/div.
Works at sample rates up to 10 MS/s with a maximum record length of 40 MS
FastAcq®
FastAcq® optimizes the instrument for analysis of dynamic signals and capture of infrequent events, capturing >250,000 wfms/s on
all 4 channels simultaneously
Waveform database
Accumulates waveform data providing a three-dimensional array of amplitude, time, and counts
FastFrame™
Acquisition memory divided into segments; maximum trigger rate >310,000 waveforms per second. Time of arrival recorded with
each event. Frame finder tool helps to visually identify transients
Pinpoint® trigger system
Trigger sensitivity
Internal DC coupled
0.7 div from DC to 50 MHz, increasing to 1.2 div at rated analog bandwidth (typical), up to 2.5 GHz. 2.5 div at 3.5 GHz
Aux input (external trigger)
1 MΩ
250 mV from DC to 50 MHz, increasing to 350 mV at 250 MHz (typical)
Trigger delay by time
3.2 ns to 3,000,000 s
Trigger delay by events
1 to 2,000,000,000 events
Main trigger modes
Auto, Normal, and Single
Enhanced triggering
Enhanced triggering corrects the difference in timing between the trigger path and the acquired data path (supports all Pinpoint
trigger types on both A- and B-Events except pattern trigger); Default On (user-selectable); Not available in FastAcq mode.
Trigger sequences
Main, Delayed by Time, Delayed by Events, Reset by Time, Reset by State, Reset by Transition, B Event Scan. All sequences can
include separate horizontal delay after the trigger event to position the acquisition window in time.
Communications-related triggers
Support for AMI, HDB3, BnZS, CMI, MLT3, and NRZ encoded communications signals. Select among isolated positive or negative
one, zero pulse form, or eye patterns as applicable to the standard. Requires Option MTM.
Video trigger formats and field
rates
Triggers from negative sync composite video, field 1 or field 2 for interlaced systems, any field, specific line, or any line for
interlaced or noninterlaced systems. Supported systems include NTSC, PAL, SECAM, and HDTV 1080/24sF, 1080p/25, 1080i/50,
1080i/60, 1080p/24, 720p/60, 480p/60
Serial pattern trigger
NRZ-Encoded Data
DPO7254C and DPO7354C only, requires Opt. ST1G. Up to 64 bit serial word recognizer, bits specified in binary (high, low, don't
care) or hex format. Trigger on NRZ-encoded data up to 1.25 GBaud.
DPO7000C Series Datasheet - DPO7000C Series
Horizontal system
www.tek.com/DPO7000 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com