Electronic Components Datasheet Search
  English  ▼

X  

RM2000B Datasheet(PDF) 4 Page - TEKTRONIX, INC.

Part # RM2000B
Description  Digital Storage Oscilloscopes
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

RM2000B Datasheet(HTML) 4 Page - TEKTRONIX, INC.

  RM2000B Datasheet HTML 1Page - TEKTRONIX, INC. RM2000B Datasheet HTML 2Page - TEKTRONIX, INC. RM2000B Datasheet HTML 3Page - TEKTRONIX, INC. RM2000B Datasheet HTML 4Page - TEKTRONIX, INC. RM2000B Datasheet HTML 5Page - TEKTRONIX, INC. RM2000B Datasheet HTML 6Page - TEKTRONIX, INC. RM2000B Datasheet HTML 7Page - TEKTRONIX, INC. RM2000B Datasheet HTML 8Page - TEKTRONIX, INC. RM2000B Datasheet HTML 9Page - TEKTRONIX, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Specifications
All specifications are guaranteed unless noted otherwise. All specifications apply to all models unless noted otherwise.
Overview
TDS2012C
TDS2014C
TDS2022C
TDS2024C
Display (QVGA LCD)
TFT on all models
Bandwidth
100 MHz
100 MHz
200 MHz
200 MHz
Channels
2
4
2
4
External trigger input
Included on all models
Sample rate on each channel
2.0 GS//s
2.0 GS/s
2.0 GS/s
2.0 GS/s
Vertical system
Record length
2.5k points at all time bases on all models
Vertical resolution
8 bits
Vertical sensitivity
2 mV to 5 V/div on all models with calibrated fine adjustment
DC vertical accuracy
±3% on all models
Vertical zoom
Vertically expand or compress a live or stopped waveform
Maximum input voltage
300 VRMS CAT II; derated at 20 dB/decade above 100 kHz to 13 Vp-pAC at 3 MHz
Position range
2 mV to 200 mV/div ±1.8 V;
>200 mV to 5 V/div ±45 V
Bandwidth limit
20 MHz for all models
Input impedance
1 MΩ in parallel with 20 pF
Input coupling
AC, DC, GND on all models
Horizontal system
Time base accuracy
50 ppm
Horizontal zoom
Horizontally expand or compress a live or stopped waveform
Datasheet
4 www.tek.com



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com