Electronic Components Datasheet Search
  English  ▼

X  

AC3000 Datasheet(PDF) 10 Page - TEKTRONIX, INC.

Part # AC3000
Description  Digital Phosphor Oscilloscopes
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

AC3000 Datasheet(HTML) 10 Page - TEKTRONIX, INC.

Back Button AC3000 Datasheet HTML 4Page - TEKTRONIX, INC. AC3000 Datasheet HTML 5Page - TEKTRONIX, INC. AC3000 Datasheet HTML 6Page - TEKTRONIX, INC. AC3000 Datasheet HTML 7Page - TEKTRONIX, INC. AC3000 Datasheet HTML 8Page - TEKTRONIX, INC. AC3000 Datasheet HTML 9Page - TEKTRONIX, INC. AC3000 Datasheet HTML 10Page - TEKTRONIX, INC. AC3000 Datasheet HTML 11Page - TEKTRONIX, INC. AC3000 Datasheet HTML 12Page - TEKTRONIX, INC.  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Language options
Opt. L0
English manual
Opt. L1
French manual
Opt. L2
Italian manual
Opt. L3
German manual
Opt. L4
Spanish manual
Opt. L5
Japanese manual
Opt. L6
Portuguese manual
Opt. L7
Simplified Chinese manual
Opt. L8
Traditional Chinese manual
Opt. L9
Korean manual
Opt. L10
Russian manual
Opt. L99
No manual
Language options include translated front-panel overlay for the selected language(s).
Service options
Available at time of purchase
Opt. D1
Calibration data report
Opt. R5
Repair service - 5 year
Available after purchase
TDS30xxC-R5DW
Repair service coverage 5 years (includes product warranty period); 5-year period
starts at time of customer instrument purchase
Recommended accessories
Probes
ADA400A
100x, 10x, 1x, 0.1x high-gain differential amplifier
P5100A
2.5 kV, 100x high-voltage passive probe
P5205A
1.3 kV, 100 MHz high-voltage differential probe
P5210A
5.6 kV, 50 MHz high-voltage differential probe
P6243
1 GHz, ≤1 pF input C 10x active probe
TCP202A
50 MHz, 15 A AC/DC current probe
TCP303
15 MHz, 150 A current probe 3
TCP305A
50 MHz, 50 A current probe 3
TCP312A
100 MHz, 30 A current probe 3
TCPA300
100 MHz probe amplifier
3
Requires TCPA300 probe amplifier.
Datasheet
10 www.tek.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com