Electronic Components Datasheet Search
  English  ▼

X  

CMD280C3 Datasheet(PDF) 1 Page - Custom MMIC Design Services, Inc.

Part # CMD280C3
Description  DC-18 GHz 5-bit Digital Attenuator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMIC [Custom MMIC Design Services, Inc.]
Direct Link  https://www.custommmic.com/
Logo MMIC - Custom MMIC Design Services, Inc.

CMD280C3 Datasheet(HTML) 1 Page - Custom MMIC Design Services, Inc.

  CMD280C3 Datasheet HTML 1Page - Custom MMIC Design Services, Inc. CMD280C3 Datasheet HTML 2Page - Custom MMIC Design Services, Inc. CMD280C3 Datasheet HTML 3Page - Custom MMIC Design Services, Inc. CMD280C3 Datasheet HTML 4Page - Custom MMIC Design Services, Inc. CMD280C3 Datasheet HTML 5Page - Custom MMIC Design Services, Inc. CMD280C3 Datasheet HTML 6Page - Custom MMIC Design Services, Inc. CMD280C3 Datasheet HTML 7Page - Custom MMIC Design Services, Inc. CMD280C3 Datasheet HTML 8Page - Custom MMIC Design Services, Inc. CMD280C3 Datasheet HTML 9Page - Custom MMIC Design Services, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Custom MMIC
300 Apollo Drive Chelmsford, MA 01824 Phone (978) 467-4290 Fax (978) 467-4294
Visit us online at www.custommmic.com
The CMD280C3 is a negative controlled,
wideband GaAs MMIC 5-bit digital attenuator
housed in a leadless 3x3 mm surface mount
package. Each bit of the attenuator is controlled
by a single voltage of either 0 V or -5 V. The
attenuator bit values are 0.5 (LSB), 1, 2, 4, and
8 dB, for a total attenuation of 15.5 dB. The
CMD280C3 has a low insertion loss of 3 at 10
GHz and the attenuation accuracy is typically
0.1 dB step error. The CMD280C3 is a 50 ohm
matched design which eliminates the need for
RF port matching.
► Wideband performance
► Low insertion loss
► Wide attenuation range
► Pb-free RoHs compliant 3x3 QFN package
Electrical Performance – Vee = -5 V, Vctl = 0 / -5 V, TA = 25
oC, F=10 GHz
Features
Description
Functional Block Diagram
ver 1.0 0618
Parameter
Min
Typ
Max
Units
Frequency Range
DC – 18
GHz
Insertion Loss
3
dB
Attenuation Range
15.5
dB
Input Return Loss
15
dB
Output Return Loss
14
dB
Input P0.1dB
24
dBm
Input IP3
42
dBm
Switching Speed
25
ns
CMD280C3
DC-18 GHz 5-bit Digital Attenuator


Similar Part No. - CMD280C3

ManufacturerPart #DatasheetDescription
logo
Custom MMIC Design Serv...
CMD280 MMIC-CMD280 Datasheet
431Kb / 11P
DC-30 GHz 5-bit Digital Attenuator
More results

Similar Description - CMD280C3

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AT-280 MACOM-AT-280 Datasheet
96Kb / 2P
Digital Attenuator, 15.5 dB, 5-Bit DC - 2 GHz
MADA2030G MACOM-MADA2030G Datasheet
98Kb / 2P
5-Bit GaAs Digital Attenuator DC - 2 GHz
logo
Nel Frequency Controls,...
HMC110 NEL-HMC110 Datasheet
75Kb / 4P
GaAs MMIC 5 - BIT DIGITAL ATTENUATOR DC - 10 GHz
logo
Tyco Electronics
AT-260 MACOM-AT-260_1 Datasheet
193Kb / 3P
Digital Attenuator 31 dB, 5-Bit DC-2.0 GHz
AT-280 MACOM-AT-280_1 Datasheet
184Kb / 3P
Digital Attenuator, 15.5dB,5-Bit,DC-2.0 GHz
logo
M/A-COM Technology Solu...
MAATSS0021 MA-COM-MAATSS0021 Datasheet
75Kb / 3P
Digital Attenuator, 15.5 dB, 5-Bit DC - 2.0 GHz
AT-260 MA-COM-AT-260 Datasheet
92Kb / 3P
Digital Attenuator, 31 dB, 5-Bit DC - 2.0 GHz
MADA2030G MA-COM-MADA2030G Datasheet
71Kb / 4P
5-Bit GaAs Digital Attenuator DC- 2.0 GHz
logo
Custom MMIC Design Serv...
CMD279C3 MMIC-CMD279C3 Datasheet
366Kb / 11P
2-18 GHz 5-bit Digital Attenuator
CMD280 MMIC-CMD280 Datasheet
431Kb / 11P
DC-30 GHz 5-bit Digital Attenuator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com