Electronic Components Datasheet Search
  English  ▼

X  

CMD281 Datasheet(PDF) 1 Page - Custom MMIC Design Services, Inc.

Part # CMD281
Description  DC-40 GHz 2-bit Digital Attenuator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMIC [Custom MMIC Design Services, Inc.]
Direct Link  https://www.custommmic.com/
Logo MMIC - Custom MMIC Design Services, Inc.

CMD281 Datasheet(HTML) 1 Page - Custom MMIC Design Services, Inc.

  CMD281 Datasheet HTML 1Page - Custom MMIC Design Services, Inc. CMD281 Datasheet HTML 2Page - Custom MMIC Design Services, Inc. CMD281 Datasheet HTML 3Page - Custom MMIC Design Services, Inc. CMD281 Datasheet HTML 4Page - Custom MMIC Design Services, Inc. CMD281 Datasheet HTML 5Page - Custom MMIC Design Services, Inc. CMD281 Datasheet HTML 6Page - Custom MMIC Design Services, Inc. CMD281 Datasheet HTML 7Page - Custom MMIC Design Services, Inc. CMD281 Datasheet HTML 8Page - Custom MMIC Design Services, Inc. CMD281 Datasheet HTML 9Page - Custom MMIC Design Services, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Custom MMIC
300 Apollo Drive Chelmsford, MA 01824 Phone (978) 467-4290 Fax (978) 467-4294
Visit us online at www.custommmic.com
The CMD281 is negative controlled, wideband
GaAs MMIC 2-bit digital attenuator die which
operates from DC to 40 GHz. Each bit of the
attenuator is controlled by a single voltage of
either 0 V or –5 V. The attenuator bit values
are 2 dB and 4 dB, for a total attenuation of 6
dB. The CMD281 has a low insertion loss of
1.2 dB at 18 GHz and the attenuation accuracy
is typically 0.1 dB step error. The CMD281 is a
50 ohm matched design which eliminates the
need for RF port matching. The CMD281 of-
fers full passivation for increased reliability
and moisture protection.
► Ultra wideband performance
► Low insertion loss
► Wide attenuation range
► Small die size
Electrical Performance – Vee = -5 V, Vctl = 0 / -5 V, TA = 25
oC, F = 18 GHz
Features
Description
Functional Block Diagram
ver 1.1 0718
Parameter
Min
Typ
Max
Units
Frequency Range
DC – 40
GHz
Insertion Loss
1.2
dB
Attenuation Range
6
dB
Input Return Loss
20
dB
Output Return Loss
20
dB
Input IP3
42
dBm
Input P0.1dB
28
dBm
Switching Speed
25
ns
CMD281
DC-40 GHz 2-bit Digital Attenuator


Similar Part No. - CMD281

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
CMD281 QORVO-CMD281 Datasheet
371Kb / 10P
DC-40 GHz 2-bit Digital Attenuator
September 14, 2021
logo
Custom MMIC Design Serv...
CMD281C3 MMIC-CMD281C3 Datasheet
326Kb / 10P
DC-22 GHz 2-bit Digital Attenuator
More results

Similar Description - CMD281

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AT-230 MACOM-AT-230 Datasheet
30Kb / 2P
Digital Attenuator, 28 dB, 3-Bit DC - 2 GHz
AT-232 MACOM-AT-232 Datasheet
227Kb / 3P
Digital Attenuator, 30 dB, 4-Bit, DC - 2 GHz
MADA2030G MACOM-MADA2030G Datasheet
98Kb / 2P
5-Bit GaAs Digital Attenuator DC - 2 GHz
AT-273-PIN MACOM-AT-273-PIN Datasheet
153Kb / 4P
Digital Attenuator, 2-Bit, 32.0dB, DC-2.0 GHz
logo
Custom MMIC Design Serv...
CMD281C3 MMIC-CMD281C3 Datasheet
326Kb / 10P
DC-22 GHz 2-bit Digital Attenuator
CMD282 MMIC-CMD282 Datasheet
307Kb / 10P
DC-40 GHz 2-bit Digital Attenuator
CMD282C3 MMIC-CMD282C3 Datasheet
327Kb / 10P
DC-22 GHz 2-bit Digital Attenuator
logo
Qorvo, Inc
CMD324 QORVO-CMD324 Datasheet
312Kb / 10P
DC-30 GHz 2-bit Digital Attenuator
May 27, 2021
CMD281 QORVO-CMD281 Datasheet
371Kb / 10P
DC-40 GHz 2-bit Digital Attenuator
September 14, 2021
CMD282C3 QORVO-CMD282C3 Datasheet
402Kb / 10P
DC-22 GHz 2-bit Digital Attenuator
September 9, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com