Electronic Components Datasheet Search
  English  ▼

X  

CMD282 Datasheet(PDF) 1 Page - Custom MMIC Design Services, Inc.

Part # CMD282
Description  DC-40 GHz 2-bit Digital Attenuator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMIC [Custom MMIC Design Services, Inc.]
Direct Link  https://www.custommmic.com/
Logo MMIC - Custom MMIC Design Services, Inc.

CMD282 Datasheet(HTML) 1 Page - Custom MMIC Design Services, Inc.

  CMD282 Datasheet HTML 1Page - Custom MMIC Design Services, Inc. CMD282 Datasheet HTML 2Page - Custom MMIC Design Services, Inc. CMD282 Datasheet HTML 3Page - Custom MMIC Design Services, Inc. CMD282 Datasheet HTML 4Page - Custom MMIC Design Services, Inc. CMD282 Datasheet HTML 5Page - Custom MMIC Design Services, Inc. CMD282 Datasheet HTML 6Page - Custom MMIC Design Services, Inc. CMD282 Datasheet HTML 7Page - Custom MMIC Design Services, Inc. CMD282 Datasheet HTML 8Page - Custom MMIC Design Services, Inc. CMD282 Datasheet HTML 9Page - Custom MMIC Design Services, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Custom MMIC
300 Apollo Drive Chelmsford, MA 01824 Phone (978) 467-4290 Fax (978) 467-4294
Visit us online at www.custommmic.com
The CMD282 is negative controlled, wideband
GaAs MMIC 2-bit digital attenuator die which
operates from DC to 40 GHz. Each bit of the
attenuator is controlled by a single voltage of
either 0 V or –5 V. The attenuator bit values
are 4 dB and 8 dB, for a total attenuation of 12
dB. The CMD282 has a low insertion loss of
1.5 dB at 18 GHz and the attenuation accuracy
is typically 0.1 dB step error. The CMD282 is a
50 ohm matched design which eliminates the
need for RF port matching. The CMD282
offers full passivation for increased reliability
and moisture protection.
► Ultra wideband performance
► Low insertion loss
► Wide attenuation range
► Small die size
Electrical Performance – Vee = -5 V, Vctl = 0 / -5 V, TA = 25
oC, F = 18 GHz
Features
Description
Functional Block Diagram
ver 1.0 0518
Parameter
Min
Typ
Max
Units
Frequency Range
DC – 40
GHz
Insertion Loss
1.5
dB
Attenuation Range
12
dB
Input Return Loss
18
dB
Output Return Loss
18
dB
Input IP3
42
dBm
Input P0.1dB
23
dBm
Switching Speed
25
ns
CMD282
DC-40 GHz 2-bit Digital Attenuator


Similar Part No. - CMD282

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
CMD282 QORVO-CMD282 Datasheet
401Kb / 10P
DC-40 GHz 2-bit Digital Attenuator
Rev. B, June 21, 2022
logo
Custom MMIC Design Serv...
CMD282C3 MMIC-CMD282C3 Datasheet
327Kb / 10P
DC-22 GHz 2-bit Digital Attenuator
logo
Qorvo, Inc
CMD282C3 QORVO-CMD282C3 Datasheet
402Kb / 10P
DC-22 GHz 2-bit Digital Attenuator
September 9, 2021
More results

Similar Description - CMD282

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AT-230 MACOM-AT-230 Datasheet
30Kb / 2P
Digital Attenuator, 28 dB, 3-Bit DC - 2 GHz
AT-232 MACOM-AT-232 Datasheet
227Kb / 3P
Digital Attenuator, 30 dB, 4-Bit, DC - 2 GHz
MADA2030G MACOM-MADA2030G Datasheet
98Kb / 2P
5-Bit GaAs Digital Attenuator DC - 2 GHz
AT-273-PIN MACOM-AT-273-PIN Datasheet
153Kb / 4P
Digital Attenuator, 2-Bit, 32.0dB, DC-2.0 GHz
logo
Custom MMIC Design Serv...
CMD281 MMIC-CMD281 Datasheet
307Kb / 10P
DC-40 GHz 2-bit Digital Attenuator
CMD281C3 MMIC-CMD281C3 Datasheet
326Kb / 10P
DC-22 GHz 2-bit Digital Attenuator
CMD282C3 MMIC-CMD282C3 Datasheet
327Kb / 10P
DC-22 GHz 2-bit Digital Attenuator
logo
Qorvo, Inc
CMD324 QORVO-CMD324 Datasheet
312Kb / 10P
DC-30 GHz 2-bit Digital Attenuator
May 27, 2021
CMD281 QORVO-CMD281 Datasheet
371Kb / 10P
DC-40 GHz 2-bit Digital Attenuator
September 14, 2021
CMD282C3 QORVO-CMD282C3 Datasheet
402Kb / 10P
DC-22 GHz 2-bit Digital Attenuator
September 9, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com