Electronic Components Datasheet Search
  English  ▼

X  

CMD285C3 Datasheet(PDF) 2 Page - Custom MMIC Design Services, Inc.

Part # CMD285C3
Description  DC-20 GHz Voltage-Variable Attenuator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMIC [Custom MMIC Design Services, Inc.]
Direct Link  https://www.custommmic.com/
Logo MMIC - Custom MMIC Design Services, Inc.

CMD285C3 Datasheet(HTML) 2 Page - Custom MMIC Design Services, Inc.

  CMD285C3 Datasheet HTML 1Page - Custom MMIC Design Services, Inc. CMD285C3 Datasheet HTML 2Page - Custom MMIC Design Services, Inc. CMD285C3 Datasheet HTML 3Page - Custom MMIC Design Services, Inc. CMD285C3 Datasheet HTML 4Page - Custom MMIC Design Services, Inc. CMD285C3 Datasheet HTML 5Page - Custom MMIC Design Services, Inc. CMD285C3 Datasheet HTML 6Page - Custom MMIC Design Services, Inc. CMD285C3 Datasheet HTML 7Page - Custom MMIC Design Services, Inc. CMD285C3 Datasheet HTML 8Page - Custom MMIC Design Services, Inc. CMD285C3 Datasheet HTML 9Page - Custom MMIC Design Services, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Custom MMIC
300 Apollo Drive Chelmsford, MA 01824 Phone (978) 467-4290 Fax (978) 467-4294
Visit us online at www.custommmic.com
Electrical performance is measured at specific
test conditions. Electrical specifications are not
guaranteed over all recommended operating con-
ditions.
Absolute Maximum Ratings
Recommended Operating Conditions
Specifications
Parameter
Rating
RF Input Power
+27 dBm
Channel Temperature (Tch)
150 °C
Power Dissipation (Pdiss)
570 mW
Thermal Resistance, Θ JC
112.9 °C/W
Operating Temperature
-40 to 150 °C
Storage Temperature
-55 to 150 °C
Control Voltage Range
+0.3 to -8 V
ver 1.0 0219
CMD285C3
DC-20 GHz Voltage-Variable Attenuator
Exceeding any one or combination of the maximum ratings
may cause permanent damage to the device.
Parameter
Bias Condition
Vctl1
-5 to 0 V @ 0.75 mA Typical
Vctl2
-5 to 0 V @ 0.75 mA Typical
Electrical Specifications, Vctl = -5.0 V to 0 V, TA = 25 °C
Parameter
Min Typ Max Min Typ Max Min Typ Max
Units
Frequency Range
DC - 6
DC - 20
GHz
Insertion Loss
2.5
3.2
2.8
3.8
3.5
4.3
dB
Attenuation Range
30
35
28
34
27
34
dB
Return Loss
12
10
10
dB
Input P1dB
18
20
19
dBm
Input IP3
32
30
28
dBm
DC - 12
Input P0.1dB
13
15
15
dBm
Input IP2
60
55
55
dBm
Switching Characteristics
tRISE, tFALL (10/90% RF)
tON, tOFF (50% CTL to 10/90% RF)
10
25
10
25
10
25
ns
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com