Electronic Components Datasheet Search
  English  ▼

X  

CMD299 Datasheet(PDF) 1 Page - Custom MMIC Design Services, Inc.

Part # CMD299
Description  18-40 GHz Low Noise Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMIC [Custom MMIC Design Services, Inc.]
Direct Link  https://www.custommmic.com/
Logo MMIC - Custom MMIC Design Services, Inc.

CMD299 Datasheet(HTML) 1 Page - Custom MMIC Design Services, Inc.

  CMD299 Datasheet HTML 1Page - Custom MMIC Design Services, Inc. CMD299 Datasheet HTML 2Page - Custom MMIC Design Services, Inc. CMD299 Datasheet HTML 3Page - Custom MMIC Design Services, Inc. CMD299 Datasheet HTML 4Page - Custom MMIC Design Services, Inc. CMD299 Datasheet HTML 5Page - Custom MMIC Design Services, Inc. CMD299 Datasheet HTML 6Page - Custom MMIC Design Services, Inc. CMD299 Datasheet HTML 7Page - Custom MMIC Design Services, Inc. CMD299 Datasheet HTML 8Page - Custom MMIC Design Services, Inc. CMD299 Datasheet HTML 9Page - Custom MMIC Design Services, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Custom MMIC
300 Apollo Drive Chelmsford, MA 01824 Phone (978) 467-4290 Fax (978) 467-4294
Visit us online at www.custommmic.com
The CMD299 is a highly efficient GaAs
MMIC low noise amplifier ideally suited for
EW and communications systems where small
size and low power consumption are needed.
The device is optimized for 30 GHz and
delivers greater than 17 dB of gain with a
corresponding noise figure of 3.5 dB and
output 1 dB compression point of +7 dBm. The
CMD299 is a 50 ohm matched design which
eliminates the need for external DC blocks and
RF port matching. The CMD299 offers full
passivation
for
increased
reliability
and
moisture protection.
► Low noise performance
► Wide bandwidth
► All positive supply voltages
► Low current consumption
► Small die size
Electrical Performance - Vdd = 3.0 V, Vgg = 3.0 V, TA = 25
oC, F=30 GHz
Features
Description
Functional Block Diagram
ver 1.1 0819
Parameter
Min
Typ
Max
Units
Frequency Range
GHz
Gain
17
dB
Noise Figure
3.5
dB
Input Return Loss
13
dB
Output Return Loss
12
dB
Output P1dB
7
dBm
Supply Current
33
mA
18 - 40
Output IP3
18
dBm
CMD299
18-40 GHz Low Noise Amplifier
1
2
3
4
5
RFIN
RFOUT
Vgg
GB
Vdd


Similar Part No. - CMD299

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
CMD299 QORVO-CMD299 Datasheet
255Kb / 12P
18-40 GHz Low Noise Amplifier
logo
Custom MMIC Design Serv...
CMD299K4 MMIC-CMD299K4 Datasheet
290Kb / 12P
18-40 GHz Low Noise Amplifier
logo
Qorvo, Inc
CMD299K4 QORVO-CMD299K4 Datasheet
353Kb / 13P
18-40 GHz Low Noise Amplifier
CMD299K4-EVB QORVO-CMD299K4-EVB Datasheet
353Kb / 13P
18-40 GHz Low Noise Amplifier
More results

Similar Description - CMD299

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
CLA-18-6006 TELEDYNE-CLA-18-6006 Datasheet
896Kb / 2P
Low Noise Amplifier 6 GHz - 18 GHz
CLA-18-6007 TELEDYNE-CLA-18-6007 Datasheet
896Kb / 2P
Low Noise Amplifier 6 GHz - 18 GHz
TLA-18-2002 TELEDYNE-TLA-18-2002 Datasheet
895Kb / 2P
Low Noise Amplifier 2 GHz - 18 GHz
TLA-18-6005 TELEDYNE-TLA-18-6005 Datasheet
891Kb / 2P
Low Noise Amplifier 6 GHz - 18 GHz
TLA-18-6006 TELEDYNE-TLA-18-6006 Datasheet
891Kb / 2P
Low Noise Amplifier 6 GHz - 18 GHz
logo
Hittite Microwave Corpo...
HMC-ALH445 HITTITE-HMC-ALH445 Datasheet
244Kb / 6P
GaAs HEMT MMIC LOW NOISE AMPLIFIER, 18 - 40 GHz
HMC-ALH445 HITTITE-HMC-ALH445_10 Datasheet
250Kb / 6P
GaAs HEMT MMIC LOW NOISE AMPLIFIER, 18 - 40 GHz
logo
Custom MMIC Design Serv...
CMD299K4 MMIC-CMD299K4 Datasheet
290Kb / 12P
18-40 GHz Low Noise Amplifier
logo
Qorvo, Inc
CMD299K4 QORVO-CMD299K4 Datasheet
353Kb / 13P
18-40 GHz Low Noise Amplifier
CMD299 QORVO-CMD299 Datasheet
255Kb / 12P
18-40 GHz Low Noise Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com