Electronic Components Datasheet Search
  English  ▼

X  

CMD307 Datasheet(PDF) 2 Page - Custom MMIC Design Services, Inc.

Part # CMD307
Description  8-16 GHz Low Noise Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMIC [Custom MMIC Design Services, Inc.]
Direct Link  https://www.custommmic.com/
Logo MMIC - Custom MMIC Design Services, Inc.

CMD307 Datasheet(HTML) 2 Page - Custom MMIC Design Services, Inc.

  CMD307 Datasheet HTML 1Page - Custom MMIC Design Services, Inc. CMD307 Datasheet HTML 2Page - Custom MMIC Design Services, Inc. CMD307 Datasheet HTML 3Page - Custom MMIC Design Services, Inc. CMD307 Datasheet HTML 4Page - Custom MMIC Design Services, Inc. CMD307 Datasheet HTML 5Page - Custom MMIC Design Services, Inc. CMD307 Datasheet HTML 6Page - Custom MMIC Design Services, Inc. CMD307 Datasheet HTML 7Page - Custom MMIC Design Services, Inc. CMD307 Datasheet HTML 8Page - Custom MMIC Design Services, Inc. CMD307 Datasheet HTML 9Page - Custom MMIC Design Services, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Custom MMIC
300 Apollo Drive Chelmsford, MA 01824 Phone (978) 467-4290 Fax (978) 467-4294
Visit us online at www.custommmic.com
CMD307
8-16 GHz Low Noise Amplifier
Parameter
Rating
Drain Voltage, Vdd
5.0 V
RF Input Power
+ 20 dBm
Channel Temperature, Tch
150 °C
Power Dissipation, Pdiss
338 mW
Thermal Resistance Θ JC
192 °C/W
Operating Temperature
-55 to 85 °C
Storage Temperature
-55 to 150 °C
Electrical performance is measured at specific
test conditions. Electrical specifications are not
guaranteed over all recommended operating con-
ditions.
Specifications
Absolute Maximum Ratings
Recommended Operating Conditions
ver 1.0 0819
Parameter
Min
Typ
Max
Units
Vdd
2.0
3.0
4.0
V
Idd
51
mA
Exceeding any one or combination of the maximum ratings
may cause permanent damage to the device.
Electrical Specifications - Vdd = 3.0 V, TA = 25
oC
Parameter
Min
Typ
Max
Min
Typ
Max
Units
Frequency Range
8 - 11
11 - 16
GHz
Gain
15
19
15.5
19.5
dB
Noise Figure
2
2.8
1.7
2.3
dB
Input Return Loss
11
13
dB
Output Return Loss
13
16
dB
Output P1dB
11
11.5
dBm
Supply Current
35
51
67
35
51
67
mA
Gain Temperature
Coefficient
0.008
0.008
dB/°C
Noise Figure Temperature
Coefficient
0.006
0.006
dB/°C
Output IP3
25
25
dBm
Vdd (V)
Idd (mA)
2.0
47
3.0
51
4.0
55
Drain Current vs. Drain Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com