Electronic Components Datasheet Search
  English  ▼

X  

CMD313 Datasheet(PDF) 1 Page - Custom MMIC Design Services, Inc.

Part # CMD313
Description  6-45 GHz Fundamental Mixer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMIC [Custom MMIC Design Services, Inc.]
Direct Link  https://www.custommmic.com/
Logo MMIC - Custom MMIC Design Services, Inc.

CMD313 Datasheet(HTML) 1 Page - Custom MMIC Design Services, Inc.

  CMD313 Datasheet HTML 1Page - Custom MMIC Design Services, Inc. CMD313 Datasheet HTML 2Page - Custom MMIC Design Services, Inc. CMD313 Datasheet HTML 3Page - Custom MMIC Design Services, Inc. CMD313 Datasheet HTML 4Page - Custom MMIC Design Services, Inc. CMD313 Datasheet HTML 5Page - Custom MMIC Design Services, Inc. CMD313 Datasheet HTML 6Page - Custom MMIC Design Services, Inc. CMD313 Datasheet HTML 7Page - Custom MMIC Design Services, Inc. CMD313 Datasheet HTML 8Page - Custom MMIC Design Services, Inc. CMD313 Datasheet HTML 9Page - Custom MMIC Design Services, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Custom MMIC
300 Apollo Drive Chelmsford, MA 01824 Phone (978) 467-4290 Fax (978) 467-4294
Visit us online at www.custommmic.com
The CMD313 is a general purpose double
balanced mixer die that can be used for up- and
downconverting applications between 6 and 45
GHz. The CMD313 has very high isolation to
both the RF and IF ports due to the optimized
balun structures, and can operate with an LO
drive level as low as +13 dBm. The CMD313
can easily be configured as an image reject
mixer or single sideband modulator with
external hybrids and power splitters.
► Low conversion loss
► High isolation
► Wide bandwidth
► Passive double balanced topology
► Small die size
Electrical Performance – IF = 900 MHz, USB, LO = +17 dBm , TA = 25
oC, LO = 26 GHz
Features
Description
Functional Block Diagram
Parameter
Min
Typ
Max
Units
Frequency Range, RF & LO
GHz
Frequency Range, IF
DC
3
GHz
Conversion Loss
9
dB
LO to RF Isolation
41
dB
LO to IF Isolation
42
dB
RF to IF Isolation
29
dB
Input IP3
20
dBm
6 – 45
Unless otherwise noted, all measurements performed as a downconverter, IF = 900 MHz USB
ver 1.0 0919
CMD313
6-45 GHz Fundamental Mixer
LO
RF
IF
1
2
3


Similar Part No. - CMD313

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
CMD313 QORVO-CMD313 Datasheet
228Kb / 10P
6-45 GHz Fundamental Mixer
More results

Similar Description - CMD313

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC773LC3B HITTITE-HMC773LC3B Datasheet
218Kb / 6P
GaAs MMIC FUNDAMENTAL MIXER, 6 - 26 GHz
logo
Custom MMIC Design Serv...
CMD177 MMIC-CMD177 Datasheet
551Kb / 11P
6-14 GHz Fundamental Mixer
CMD177C3 MMIC-CMD177C3 Datasheet
237Kb / 11P
6-14 GHz Fundamental Mixer
CMD181 MMIC-CMD181 Datasheet
1Mb / 10P
26-45 GHz Fundamental Mixer
CMD253C3 MMIC-CMD253C3 Datasheet
243Kb / 11P
6-14 GHz High IP3 Fundamental Mixer
logo
Qorvo, Inc
CMD181 QORVO-CMD181 Datasheet
1Mb / 10P
26-45 GHz Fundamental Mixer
CMD177C3 QORVO-CMD177C3 Datasheet
237Kb / 11P
6-14 GHz Fundamental Mixer
CMD177 QORVO-CMD177 Datasheet
551Kb / 11P
6-14 GHz Fundamental Mixer
CMD253C3 QORVO-CMD253C3 Datasheet
243Kb / 11P
6-14 GHz High IP3 Fundamental Mixer
CMD313 QORVO-CMD313 Datasheet
228Kb / 10P
6-45 GHz Fundamental Mixer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com