Electronic Components Datasheet Search
  English  ▼

X  

STLC1510 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STLC1510
Description  NorthenLite G.lite DMT Transceiver
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC1510 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STLC1510 Datasheet HTML 4Page - STMicroelectronics STLC1510 Datasheet HTML 5Page - STMicroelectronics STLC1510 Datasheet HTML 6Page - STMicroelectronics STLC1510 Datasheet HTML 7Page - STMicroelectronics STLC1510 Datasheet HTML 8Page - STMicroelectronics STLC1510 Datasheet HTML 9Page - STMicroelectronics STLC1510 Datasheet HTML 10Page - STMicroelectronics STLC1510 Datasheet HTML 11Page - STMicroelectronics STLC1510 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
STLC1510
8/40
HPI_Data_2
I/O
5V Tol CMOS input/ 5V Tol 3.3V
TTL 2mA slew ltd output
HPI Port Data
A12
HPI_Data_1
I/O
5V Tol CMOS input/ 5V Tol 3.3V
TTL 2mA slew ltd output
HPI Port Data
A11
HPI_Data_0
I/O
5V Tol CMOS input/ 5V Tol 3.3V
TTL 2mA slew ltd output
HPI Port Data
B11
HPI_Addr_2
I
5V Tol. CMOS input
HPI Port Address
B7
HPI_Addr_1
I
5V Tol. CMOS input
HPI Port Address
A7
HPI_Addr_0
I
5V Tol. CMOS input
HPI Port Address
B8
HPI_CLK
I
5V Tol. CMOS input
HPI Clock Input
B9
HPI_RWN
I
5V Tol. CMOS input
HPI Port Read/WriteN
B10
HPI_CSN
I
5V Tol. CMOS input
HPI Port Chip Select
A8
HPI_ASN
I
5V Tol. CMOS input
HPI Port Address Strobe Input
A10
ARM2HP_INT
O
5V Tol 3.3V TTL 2mA slew ltd
output
Active-low ARM7 To Host Processor
Interrupt3
A9
Misc
VCODC
I
Analog Input
VCO control voltage for stand alone
PLL testing
P6
REF_OUT
O
5V Tol 3.3V TTL 2mA slew ltd
output
PLL REF signal at input to phase
detector
J13
INF_OUT
O
5V Tol 3.3V TTL 2mA slew ltd
output
PLL INF signal at input to phase
detector
H13
EN_D950_EMU
I
5V Tol CMOS input
EN_D950_EMU=0; D950 core held in
reset by ARM7, GPIO pin #1,2,3 and
4 are normal mode
EN_D950_EMU=1; D950 core is not
held in reset by ARM7, GPIO pins
#1,2,3 and 4 are dedicated to the
D950 emulator
P7
ARM_MODE
I
5V Tol CMOS input
ARM_MODE=0; Connects external
TAP pins directly to ARM_TAP
ARM_MODE=1; ARM_TAP in daisy
chain configuration after MTAP (i.e.
same as ALPHA configuration)
P10
GPIO_7
I/O
5V Tol CMOS input /5V Tol 3.3V
TTL 2mA slew ltd output
General Purpose I/O Ports
N13
GPIO_6
I/O
5V Tol CMOS input / 5V Tol 3.3V
TTL 2mA slew ltd output
General Purpose I/O Ports
P14
GPIO_5
I/O
5V Tol CMOS input / 5V Tol 3.3V
TTL 2mA slew ltd output
General Purpose I/O Ports
P13
Table 2. Pad Description
Signal
I/O
Pad Type
Description
BGA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com