Electronic Components Datasheet Search
  English  ▼

X  

CMPWR161 Datasheet(PDF) 4 Page - California Micro Devices Corp

Part # CMPWR161
Description  Micropower, Low Noise 4.75V/150mA LDO Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CMPWR161 Datasheet(HTML) 4 Page - California Micro Devices Corp

  CMPWR161 Datasheet HTML 1Page - California Micro Devices Corp CMPWR161 Datasheet HTML 2Page - California Micro Devices Corp CMPWR161 Datasheet HTML 3Page - California Micro Devices Corp CMPWR161 Datasheet HTML 4Page - California Micro Devices Corp CMPWR161 Datasheet HTML 5Page - California Micro Devices Corp CMPWR161 Datasheet HTML 6Page - California Micro Devices Corp CMPWR161 Datasheet HTML 7Page - California Micro Devices Corp CMPWR161 Datasheet HTML 8Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
©
2004 California Micro Devices Corp. All rights reserved.
4
430 N. McCarthy Blvd., Milpitas, CA 95035-5112
L Tel: 408.263.3214
L Fax: 408.263.7846 L www.calmicro.com
01/14/04
CMPWR161
Performance Information
CMPWR161 Typical DC Characteristics (nominal conditions unless specified otherwise)
Nominal Conditions: CIN=10µF & 0.1µF, COUT=10µF & 0.1µF, CBYP=0.01µF, VIN=5.0V, ILOAD=5mA.
Dropout Voltage vs. Load (VOUT=4.70V)
0
25
50
75
100
125
050
100
150
Load Current [mA]
Load Regulation
4.70
4.72
4.74
4.76
4.78
4.80
0
50
100
150
200
250
300
Load Current [mA]
Line Regulation (5mA Load)
4.72
4.73
4.74
4.75
4.76
4.77
4.78
4.75 4.80 4.85 4.90 4.95 5.00 5.05 5.10
Supply Voltage [V]
Line Regulation (150mA Load)
4.72
4.73
4.74
4.75
4.76
4.77
4.78
4.75 4.80 4.85 4.90 4.95 5.00 5.05 5.10
Supply Voltage [V]
Supply Current vs. Voltage (EN = VIN)
0
100
200
300
400
500
4.75
5.00
5.25
5.50
Supply Voltage [V]
Ground Current vs. Output Load
0
100
200
300
400
500
0
50
100
150
Load Current [mA]



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com