Electronic Components Datasheet Search
  English  ▼

X  

PTH12060WAHT Datasheet(PDF) 2 Page - Texas Instruments

Part # PTH12060WAHT
Description  10-A, 12-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTH12060WAHT Datasheet(HTML) 2 Page - Texas Instruments

  PTH12060WAHT Datasheet HTML 1Page - Texas Instruments PTH12060WAHT Datasheet HTML 2Page - Texas Instruments PTH12060WAHT Datasheet HTML 3Page - Texas Instruments PTH12060WAHT Datasheet HTML 4Page - Texas Instruments PTH12060WAHT Datasheet HTML 5Page - Texas Instruments PTH12060WAHT Datasheet HTML 6Page - Texas Instruments PTH12060WAHT Datasheet HTML 7Page - Texas Instruments PTH12060WAHT Datasheet HTML 8Page - Texas Instruments PTH12060WAHT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
www.ti.com
Margin Down
Margin Up
V
I
C
560 F
(Required)
I
m
C1
330 F
(Optional)
O
m
C2
Ceramic
(Optional)
O
Inhibit
GND
GND
V
O
V Sense
O
Track
1
2
10
7
6
5
4
3
98
R, 1%
(Required)
SET
L
O
A
D
PTH12060W/L
SLTS217D–MAY 2003–REVISED OCTOBER 2005
These devices have limited built-in ESD protection. The leads should be shorted together or the device
placed in conductive foam during storage or handling to prevent electrostatic damage to the MOS gates.
STANDARD APPLICATION
A.
RSET = Required to set the output voltage to a value higher than the minimum value. See the Application Information
section for values.
ORDERING INFORMATION
PTH12060 (Base Part Number)
Output Voltage Range
Part Number (1)
DESCRIPTION
Pb – free and
Mechanical
RoHS
Package (2)
PTH12060WAH
Horizontal T/H
Yes (3)
EUW
1.2 V–5.5 V (Adjustable)
PTH12060WAS
Standard SMD
No (4)
EUY
PTH12060WAZ
Optional SMD
Yes (3)
EUY
PTH12060LAH
Horizontal T/H
Yes (3)
EUW
0.8 V–1.8 V (Adjustable)
PTH12060LAS
Standard SMD
No (4)
EUY
PTH12060LAZ
Optional SMD
Yes (3)
EUY
(1) Add T to end of part number for tape and reel on SMD packages only.
(2) Reference the applicable package reference drawing for the dimensions and PC board layout.
(3) Lead (Pb) – free option specifies Sn/Ag pin solder material.
(4) Standard option specifies 63/37, Sn/Pb pin solder material.
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com