Electronic Components Datasheet Search
  English  ▼

X  

CT2 Datasheet(PDF) 1 Page - TEKTRONIX, INC.

Part # CT2
Description  AC Current Probes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

CT2 Datasheet(HTML) 1 Page - TEKTRONIX, INC.

  CT2 Datasheet HTML 1Page - TEKTRONIX, INC. CT2 Datasheet HTML 2Page - TEKTRONIX, INC. CT2 Datasheet HTML 3Page - TEKTRONIX, INC. CT2 Datasheet HTML 4Page - TEKTRONIX, INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
AC Current Probes
CT1 • CT2 • CT6 Datasheet
CT6. Current Probe
Features & Benefits
High Bandwidth
Ultra-low Inductance
Very Small Form Factor
Characterize Current Waveforms up to <200 ps Rise Times
Very Low Loading of Circuit Under Test
Fits Into Dense, Closely-spaced Circuit Designs
Applications
Data Storage Read Channel Design
Silicon Characterization
High-frequency Analog Design
ESD Testing
Signal Injection
Differential Current Measurements
Single-shot Low Rep-rate Pulse Measurements
Propagation Delay Measurement
CT6 Current Probe
The CT6 is the newest addition to the Tektronix portfolio of high-frequency
current probes. It is designed to meet the needs of high-speed circuit
design and test applications which require ultra-high bandwidth, low
inductance, and extremely small form factor. The CT6 provides up to
2 GHz bandwidth when used with high-bandwidth oscilloscopes such as
the Tektronix TDS694C, TDS794D, and TDS7000 Series oscilloscopes or
with other compatible 50 Ω input measuring instruments. Low inductance
(<3 nH) assures that the loading effect of the CT6 on the circuit-under-test
will be negligible, which is especially important for today's low-amplitude,
high-speed circuit designs such as disk drive read/write preamplifiers. The
probe is a closed-circuit design which will accept uninsulated wire sized
up to 20 gauge. This product is exempt from CE mark by virtue of its 30 V
voltage limit.
CT1/CT2 Current Probes
The CT1 and CT2 Current Probes are designed for permanent or
semi-permanent in-circuit installation. Each probe consists of a current
transformer and an interconnecting cable. The current transformers have
a small hole through which a current carrying conductor is passed during
circuit assembly.
The P6041 Probe Cable provides the connection between the CT1 and CT2
Current Transformers and a BNC oscilloscope input. A 50 Ω termination
is required to terminate the cable when connected to a high-impedance
(1 MΩ) oscilloscope input. One probe cable can be used to monitor several
current transformers that have been wired into a circuit.


Similar Part No. - CT2

ManufacturerPart #DatasheetDescription
logo
HellermannTyton.
CT2 HELLERMANNTYTON-CT2 Datasheet
90Kb / 1P
u l a t e d J u n c t i o n B o x e s
logo
Nais(Matsushita Electri...
CT2-20 NAIS-CT2-20 Datasheet
249Kb / 4P
CT-2 CONNECTOR TERMINAL
CT2-30 NAIS-CT2-30 Datasheet
249Kb / 4P
CT-2 CONNECTOR TERMINAL
CT2-34 NAIS-CT2-34 Datasheet
249Kb / 4P
CT-2 CONNECTOR TERMINAL
CT2-40 NAIS-CT2-40 Datasheet
249Kb / 4P
CT-2 CONNECTOR TERMINAL
More results

Similar Description - CT2

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
N2780A HP-N2780A Datasheet
343Kb / 4P
AC/DC Current Probes
logo
List of Unclassifed Man...
TAP2500 ETC2-TAP2500 Datasheet
229Kb / 6P
Active Probes
TCP0020 ETC2-TCP0020 Datasheet
336Kb / 4P
AC/DC Current Probes
logo
Extech Instruments Corp...
TP873 EXTECH-TP873 Datasheet
180Kb / 1P
Temperature Probes
logo
TEKTRONIX, INC.
A621 TEKTRONIX-A621 Datasheet
215Kb / 4P
Current Probes
P6021A TEKTRONIX-P6021A Datasheet
288Kb / 4P
AC Current Probes
P6248 TEKTRONIX-P6248 Datasheet
529Kb / 10P
Differential Probes
logo
Teledyne Technologies I...
CP030 TELEDYNE-CP030 Datasheet
847Kb / 4P
Current Probes
logo
Extech Instruments Corp...
PQ3220 EXTECH-PQ3220 Datasheet
139Kb / 1P
Extech PQ3220: 3000A Flexible Current Clamp Probes
logo
Vaisala
HPP270 VAISALA-HPP270 Datasheet
334Kb / 4P
Probes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com